전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD8S009DSMR 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD8S009DSMR
상세설명  8-Channel ESD Protection for DisplayPort and HDMI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD8S009DSMR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPD8S009DSMR Datasheet HTML 6Page - Texas Instruments TPD8S009DSMR Datasheet HTML 7Page - Texas Instruments TPD8S009DSMR Datasheet HTML 8Page - Texas Instruments TPD8S009DSMR Datasheet HTML 9Page - Texas Instruments TPD8S009DSMR Datasheet HTML 10Page - Texas Instruments TPD8S009DSMR Datasheet HTML 11Page - Texas Instruments TPD8S009DSMR Datasheet HTML 12Page - Texas Instruments TPD8S009DSMR Datasheet HTML 13Page - Texas Instruments TPD8S009DSMR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Legend
VIA to 5V Plane
VIA to GND Plane
TPD8S009
To HDMI Connector
To HDMI Core Chip
TPD8S009
SLVS816A – JULY 2008 – REVISED DECEMBER 2015
www.ti.com
9 Power Supply Recommendations
This device is a passive ESD protection device so there is no need to power it. Take care to make sure that the
maximum voltage specifications for each pin are not violated.
10 Layout
10.1 Layout Guidelines
The optimum placement is as close to the connector as possible.
EMI during an ESD event can couple from the trace being struck to other nearby unprotected traces,
resulting in early system failures.
The PCB designer must minimize the possibility of EMI coupling by keeping any unprotected traces away
from the protected traces which are between the TVS and the connector.
Route the protected traces as straight as possible.
Eliminate any sharp corners on the protected traces between the TVS and the connector by using rounded
corners with the largest radii possible.
Electric fields tend to build up on corners, increasing EMI coupling.
10.2 Layout Example
Figure 8. Typical Layout for HDMI Connector
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPD8S009


유사한 부품 번호 - TPD8S009DSMR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD8S009DSMR TI-TPD8S009DSMR Datasheet
637Kb / 10P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009DSMR TI-TPD8S009DSMR Datasheet
865Kb / 12P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
More results

유사한 설명 - TPD8S009DSMR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD8S009 TI-TPD8S009 Datasheet
637Kb / 10P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI-TPD8S009_1 Datasheet
865Kb / 12P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI1-TPD8S009_14 Datasheet
1Mb / 14P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
logo
STMicroelectronics
DPIULC6 STMICROELECTRONICS-DPIULC6 Datasheet
193Kb / 9P
   ESD protection for internal DisplayPort?
April 2010 Rev 2
logo
NXP Semiconductors
IP4280CZ10 NXP-IP4280CZ10 Datasheet
63Kb / 8P
   ESD protection for HDMI interface
Rev. 01-6 June 2007
logo
Nexperia B.V. All right...
IP4280CZ10 NEXPERIA-IP4280CZ10 Datasheet
178Kb / 9P
   ESD protection for HDMI interface
Rev. 01 - 6 June 2007
logo
Semtech Corporation
RCLAMP0544M SEMTECH-RCLAMP0544M Datasheet
424Kb / 11P
   RailClamp짰 ESD Protection for HDMI Interfaces
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
logo
Texas Instruments
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com