전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STE145N65M5 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STE145N65M5
상세설명  Low gate charge and input capacitance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE145N65M5 데이터시트(HTML) 3 Page - STMicroelectronics

  STE145N65M5 Datasheet HTML 1Page - STMicroelectronics STE145N65M5 Datasheet HTML 2Page - STMicroelectronics STE145N65M5 Datasheet HTML 3Page - STMicroelectronics STE145N65M5 Datasheet HTML 4Page - STMicroelectronics STE145N65M5 Datasheet HTML 5Page - STMicroelectronics STE145N65M5 Datasheet HTML 6Page - STMicroelectronics STE145N65M5 Datasheet HTML 7Page - STMicroelectronics STE145N65M5 Datasheet HTML 8Page - STMicroelectronics STE145N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STE145N65M5
Electrical ratings
DocID025538 Rev 2
3/13
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
143
A
ID
Drain current (continuous) at TC = 100 °C
90
A
IDM
(1)
Drain current (pulsed)
572
A
PTOT
Total dissipation at TC = 25 °C
679
W
IAR
Avalanche current, repetitive or not repetitive (pulse width
limited by Tj max)
12
A
EAS
Single pulse avalanche energy (starting Tj = 25 °C, ID = IAR,
VDD = 50 V)
2420
mJ
dv/dt
(2)
Peak diode recovery voltage slope
15
V/ns
VISO
Isolation withstand voltage applied between each pin and
heatsink plate (AC voltage, t = 60 s)
2.5
kV
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
Notes:
(1)
Pulse width limited by safe operating area.
(2)
ISD ≤ 143 A, di/dt ≤ 400 A/µs; VDS(peak) < V(BR)DSS, VDD = 400 V.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
0.184
°C/W
Rthj-amb
Thermal resistance junction-ambient max
30
°C/W


유사한 부품 번호 - STE145N65M5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STE140NF20D STMICROELECTRONICS-STE140NF20D Datasheet
597Kb / 13P
   N-channel 200 V, 10 mOmh typ., 140 A STripFET II Power MOSFET (with fast diode) in an ISOTOP package
More results

유사한 설명 - STE145N65M5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
   Low input capacitance and gate charge
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STB7ANM60N STMICROELECTRONICS-STB7ANM60N Datasheet
1Mb / 20P
   Low input capacitance and gate charge
STFI24NM60N STMICROELECTRONICS-STFI24NM60N Datasheet
804Kb / 12P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com