전자부품 데이터시트 검색엔진 |
|
ULN2004ADR 데이터시트(PDF) 11 Page - Texas Instruments |
|
|
ULN2004ADR 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 34 page 90% 90% 1.5 V 1.5 V 10% 10% 40 µs ≤10 ns ≤5 ns VIH (see Note C) 0 V VOH VOL Input Output VOLTAGE WAVEFORMS 200 W VR Open IR IF VF Open 11 ULN2002A, ULN2003A, ULN2003AI ULQ2003A, ULN2004A, ULQ2004A www.ti.com SLRS027O – DECEMBER 1976 – REVISED JANUARY 2016 Product Folder Links: ULN2002A ULN2003A ULN2003AI ULQ2003A ULN2004A ULQ2004A Submit Documentation Feedback Copyright © 1976–2016, Texas Instruments Incorporated Parameter Measurement Information (continued) Figure 15. IR Test Circuit Figure 16. VF Test Circuit Figure 17. Propagation Delay-Time Waveforms The pulse generator has the following characteristics: PRR = 12.5 kHz, ZO = 50 Ω. CL includes probe and jig capacitance. For testing the ULN2003A device, ULN2003AI device, and ULQ2003A devices, VIH = 3 V; for the ULN2002A device, VIH = 13 V; for the ULN2004A and the ULQ2004A devices, VIH = 8 V. Figure 18. Latch-Up Test Circuit and Voltage Waveforms |
유사한 부품 번호 - ULN2004ADR |
|
유사한 설명 - ULN2004ADR |