전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSAJ120100 데이터시트(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

부품명 SSAJ120100
상세설명  Compact type with 0.7mm body height
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPS [ALPS ELECTRIC CO.,LTD.]
홈페이지  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAJ120100 데이터시트(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSAJ120100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAJ120100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAJ120100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAJ120100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
76
76
Dimensions
Unit:mm
Style
PC board mounting hole and land dimensions
(Viewed from the direction A)
No.
1
Terminal No. C
Terminal No.㈰
5.1
0.9
0.9
0.6
0.6
0.6
3
2
5.5
2
0.6
0.1
1.2
1.4
6.5
3
ø0.7
A
Terminal No.㈪
3-0.4
Note the arrangement of
circuit patterns
2
5.1
0.9
0.9
3-0.4
1.4
1.2
6.5
0.6
0.1
3
0.6
0.6
0.6
Note the arrangement of
circuit patterns
Terminal No.㈰
Terminal No.㈪
Terminal No. C
5.5
2
A
2
Circuit Diagram(Viewed from Direction A)
1
C
2
Terminal No. C
Terminal No.㈰
5.1
0.9
0.9
0.6
0.6
0.6
3
2
5.5
2
0.6
0.1
1.2
1.4
6.5
3
ø0.7
A
Terminal No.㈪
3-0.4
Note the arrangement of
circuit patterns
SSAJ 0.7(H)mm, 1.4mm-travel Surface Mount Type


유사한 부품 번호 - SSAJ120100

제조업체부품명데이터시트상세설명
logo
Mitsumi Electronics, Co...
SSA MITSUMI-SSA Datasheet
111Kb / 2P
   Self Return Slide Switches
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
   Miniature Opto Array
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
   Miniature IR Array
SSA-005E BOT-SSA-005E Datasheet
37Kb / 2P
   Miniature IR Array
SSA-009 BOT-SSA-009 Datasheet
36Kb / 2P
   3mm LED Linear Array
More results

유사한 설명 - SSAJ120100

제조업체부품명데이터시트상세설명
logo
SHINMEI ELECTRIC CO., L...
TSW-10 SHINMEI-TSW-10 Datasheet
272Kb / 5P
   Body Height 1.6mm, Compact-sized Multifunction Type Tactile Body Height 1.6mm, Compact-sized Multifunction Type Tactile
SSS-32MD-T9 SHINMEI-SSS-32MD-T9 Datasheet
219Kb / 5P
   Body height 2.45mm, Compact-sized Surface-mounting Type Encoders
SSS-60MD SHINMEI-SSS-60MD Datasheet
81Kb / 3P
   Body height 1.6mm, Compact-sized Surface-mounting Type Rotary-Switches
TSW-3 SHINMEI-TSW-3 Datasheet
321Kb / 8P
   Body Height 1.5mm, Compact-sized Double Action Type Tactile Switches
TSW-15 SHINMEI-TSW-15 Datasheet
182Kb / 4P
   Body Height 0.75mm, Compact-sized Double Action Type Tactile Switches
TSW-24 SHINMEI-TSW-24 Datasheet
109Kb / 4P
   Body Height 0.75mm, Compact-sized Double Action Type Tactile Switches
logo
STANLEY ELECTRIC CO.,LT...
FY1111C-TR STANLEY-FY1111C-TR Datasheet
374Kb / 20P
   1608 (h=0.7mm) Type, Milky White resin
logo
Sharp Corporation
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
   SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
   Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
   Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com