전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSAG330200 데이터시트(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

부품명 SSAG330200
상세설명  Recoil Type for Single-side and Both Sides
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPS [ALPS ELECTRIC CO.,LTD.]
홈페이지  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAG330200 데이터시트(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSAG330200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAG330200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAG330200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAG330200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSAG330200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
84
84
Recoil Type for Single-side and Both Sides
SSAG
Long life recoil type meeting more compact and
low-profile needs
Products No.
Japan
Export
Soldering Operating Shape of
flame leg
Operating section
directions
Poles Positions
Travel
(mm)
SSAG130100
Changeover
timing
Location
lug
Product Line
SSAG130200
SSAG130300
SSAG130400
SSAG230100
SSAG230200
SSAG230300
SSAG230400
SSAG330100
SSAG330200
SSAG330300
SSAG330400
Minimum order unit(pcs.)
Reflow
Left-side
recoil
Right-side
recoil
Double-
side
recoil
For PC
board
insert
Flat
For PC
board
insert
Flat
For PC
board
insert
Flat
Horizontal
1
3
1.5
Drawing
No.
1
2
3
4
5
6
Not
specified
Without
With
Without
With
Without
With
Without
With
Without
With
Without
With
16,000
4,000
Refer to P.111 for soldering conditions.
Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
10mA 5V DC / 50μA 3V DC
Contact resistance
(Initial performance / After lifetime)
200mΩ max. / 500mΩ max.
Operating force
1N(Recoil side)
1.5N(Lock side)
Operating life
Without load
100,000 cycles(Recoil side)
30,000 cycles(Lock side)
With load
100,000 cycles(Recoil side)
30,000 cycles(Lock side)
(10mA 5V DC)
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
4,000
8,000
16,000
24
428×413×172
ø380
25.4
Circuit Diagram(Viewed from Direction A)
1
2
3
4
c


유사한 부품 번호 - SSAG330200

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SSAG330200 ALPS-SSAG330200 Datasheet
1Mb / 5P
   Recoil Type for Single Side and Both Sides
More results

유사한 설명 - SSAG330200

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SSAG ALPS-SSAG Datasheet
1Mb / 5P
   Recoil Type for Single Side and Both Sides
logo
PHOENIX CONTACT
2764878 PHOENIX-2764878 Datasheet
79Kb / 3P
   Housing cover,for connection on both sides
2764072 PHOENIX-2764072 Datasheet
164Kb / 5P
   Housing cover,for connection on both sides
2764179 PHOENIX-2764179 Datasheet
172Kb / 11P
   Housing cover,for connection on both sides
2764933 PHOENIX-2764933 Datasheet
170Kb / 4P
   Housing cover,for connection on both sides
2764726 PHOENIX-2764726 Datasheet
134Kb / 7P
   Housing cover,for connection on both sides
2764823 PHOENIX-2764823 Datasheet
136Kb / 8P
   Housing cover,for connection on both sides
2764250 PHOENIX-2764250 Datasheet
146Kb / 8P
   Housing cover,for connection on both sides
2764988 PHOENIX-2764988 Datasheet
151Kb / 9P
   Housing cover,for connection on both sides
logo
List of Unclassifed Man...
SP-1500ST ETC2-SP-1500ST Datasheet
353Kb / 2P
   Naturally tacky on both sides
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com