전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD120AHAN2-J25R 데이터시트(PDF) 1 Page - Sparkle Power Inc.

부품명 AD120AHAN2-J25R
상세설명  Efficiency Level VI, RoHS Compliant
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPI [Sparkle Power Inc.]
홈페이지  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

AD120AHAN2-J25R 데이터시트(HTML) 1 Page - Sparkle Power Inc.

  AD120AHAN2-J25R Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 1.5A (RMS) @ 115Vac,1.0A (RMS) @ 230Vac
Inrush Current: No damage.
Specification
Temperature Range: Operating: 0°C ~ +40°C; storage
& shipping: -20°C ~ +80°C
Humidity: 80% on operating, 90% on storage
Dielectric Withstand: Primary frame ground 1800V AC
for 3 second
Average Efficiency: Efficiency Level VI & ErP Teir 2
No Load Power Consumption: Less than 2.1W
Turn-on Delay Time: Less than 3s
Hold-up Time: 10 ms minimum at 115Vac input and
max output loading
Leakage Current: Less than 250uA at 264Vac, 60Hz
MTBF: 100,000 hours on maximum load at +25°C
Altitude: 5,000M
Dimensions (LxWxH): 171x72x42mm
/6.73x2.83x1.65inch
Output Characteristics
SPI Model
Output
Voltage
Output
Current
Load
Reg.
Ripple &
Noise
Connecter
Type
Connecter
IDxODxL
Dc cable
Length (mm)
AD120AHAN2-J25R
12V
10A
± 5%
500mV P-P
Barrel 90
̊
2.5x5.5x11
1500
FSP120-AHAN2
(Efficiency Level VI, RoHS Compliant)
120 Watts Power Adapter
Sparkle Power Inc.
Main Office
48502 Kato Road
Fremont, CA 94538
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
High efficiency and reliability
Compatible with European Union Directive 2011/65/EU
(Restriction on Hazardous Substances).
Low noise and ripple
Output over voltage, short circuit, and over current
protection
100% Hi-pot, ATE, and burn-in tested
Complies with FCC part 15 subpart J class B 115Vac
operation, and CISPR 22 class B at 230Vac operation
Approved by CUL/UL60950-1 2
nd TUV EN60950-1 2nd,
CB 60950-1 2
nd, FCC, EMC
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com


유사한 부품 번호 - AD120AHAN2-J25R

제조업체부품명데이터시트상세설명
logo
Sparkle Power Inc.
AD120AHAN1-J25R SPI-AD120AHAN1-J25R Datasheet
45Kb / 1P
   120 Watts Power Adapter High efficiency and reliability
More results

유사한 설명 - AD120AHAN2-J25R

제조업체부품명데이터시트상세설명
logo
Sparkle Power Inc.
FSP040-RHAN2 SPI-FSP040-RHAN2 Datasheet
46Kb / 1P
   Efficiency Level VI, RoHS Compliant
FSP120-ABAN2 SPI-FSP120-ABAN2 Datasheet
47Kb / 1P
   Efficiency Level VI, RoHS Compliant
logo
HITRON ELECTRONICS CORP...
HEMP156G HITRON-HEMP156G Datasheet
277Kb / 2P
   Energy Efficiency Level VI
HEMG56 HITRON-HEMG56 Datasheet
239Kb / 2P
   Energy Efficiency Level VI
logo
CUI INC
SMI-AU-2 CUI-SMI-AU-2 Datasheet
297Kb / 2P
   level VI efficiency accessory
logo
HITRON ELECTRONICS CORP...
HEMG26 HITRON-HEMG26 Datasheet
234Kb / 2P
   Energy Efficiency Level VI
logo
CUI INC
SMI-EU-2 CUI-SMI-EU-2 Datasheet
289Kb / 2P
   level VI efficiency accessory
SMI-US-2 CUI-SMI-US-2 Datasheet
279Kb / 2P
   level VI efficiency accessory
logo
HITRON ELECTRONICS CORP...
HEMG76 HITRON-HEMG76 Datasheet
227Kb / 2P
   Energy Efficiency Level VI
logo
ETA-USA
MDL65-SX-W6 ETA-USA-MDL65-SX-W6 Datasheet
2Mb / 5P
   65w Meet DOE Level VI and EU Tier 2 Efficiency Compliant
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com