전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA064X332K2RACTU 데이터시트(PDF) 1 Page - Kemet Corporation

부품명 CA064X332K2RACTU
상세설명  Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 3300 pF, /-10% Tol, 0612, 200 V, X7R
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

CA064X332K2RACTU 데이터시트(HTML) 1 Page - Kemet Corporation

  CA064X332K2RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/18/2015 - b9755c6f-8b64-4781-91f3-f38e4003faa0
KEMET Part Number: CA064X332K2RACTU
Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 3300 pF, +/-10% Tol, 0612, 200 V, X7R
Dimensions (mm)
Symbol
Dimension
Tolerance
L
1.6
+/-0.2
W
3.2
+/-0.2
T
0.8
+/-0.1
P
0.8
+/-0.1
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 4000
General Information
Supplier: KEMET
Application: Standard Array/Flexible
Termination
Part Type Description: SMD, MLCC, Array, Flex
Termination, Class II
Temperature Coefficient: X7R
Body Type: SMD Array
Termination Type: Tin (Sn)
Chip Size: 0612
RoHS: Yes
Specifications
Capacitance: 3300 pF
Voltage: 200 V
Tolerance: +/-10%
Failure Rate: N/A
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


유사한 부품 번호 - CA064X332K2RACTU

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
CA064X332K2RACAUTO KEMET-CA064X332K2RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 3300 pF, /-10% Tol, 0612, 200 V, X7R
More results

유사한 설명 - CA064X332K2RACTU

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
CA064X222K2RACTU KEMET-CA064X222K2RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 2200 pF, /-10% Tol, 0612, 200 V, X7R
CA064X102K2RACTU KEMET-CA064X102K2RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 1000 pF, /-10% Tol, 0612, 200 V, X7R
CA064X332K2RACAUTO KEMET-CA064X332K2RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 3300 pF, /-10% Tol, 0612, 200 V, X7R
CA064X103K2RACTU KEMET-CA064X103K2RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 0.01 uF, /-10% Tol, 0612, 200 V, X7R
CA064X103K1RACTU KEMET-CA064X103K1RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 0.01 uF, /-10% Tol, 0612, 100 V, X7R
CA064X153K1RACTU KEMET-CA064X153K1RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 0.015 uF, /-10% Tol, 0612, 100 V, X7R
CA064X223K1RACTU KEMET-CA064X223K1RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 0.022 uF, /-10% Tol, 0612, 100 V, X7R
CA064X222K2RACAUTO KEMET-CA064X222K2RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 2200 pF, /-10% Tol, 0612, 200 V, X7R
CA064X102K2RACAUTO KEMET-CA064X102K2RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 1000 pF, /-10% Tol, 0612, 200 V, X7R
CA064X103K2RACAUTO KEMET-CA064X103K2RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 0.01 uF, /-10% Tol, 0612, 200 V, X7R
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com