전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT1G00 데이터시트(PDF) 2 Page - Texas Instruments

부품명 SN74AHCT1G00
상세설명  Single 2-Input Positive-NAND Gate
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT1G00 데이터시트(HTML) 2 Page - Texas Instruments

  SN74AHCT1G00_15 Datasheet HTML 1Page - Texas Instruments SN74AHCT1G00_15 Datasheet HTML 2Page - Texas Instruments SN74AHCT1G00_15 Datasheet HTML 3Page - Texas Instruments SN74AHCT1G00_15 Datasheet HTML 4Page - Texas Instruments SN74AHCT1G00_15 Datasheet HTML 5Page - Texas Instruments SN74AHCT1G00_15 Datasheet HTML 6Page - Texas Instruments SN74AHCT1G00_15 Datasheet HTML 7Page - Texas Instruments SN74AHCT1G00_15 Datasheet HTML 8Page - Texas Instruments SN74AHCT1G00_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN74AHCT1G00
SCLS316N – MARCH 1995 – REVISED MARCH 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................... 7
1
Features .................................................................. 1
8.2
Functional Block Diagram ......................................... 7
2
Applications ........................................................... 1
8.3
Feature Description................................................... 7
3
Description ............................................................. 1
8.4
Device Functional Modes.......................................... 7
4
Revision History..................................................... 2
9
Application and Implementation .......................... 8
5
Pin Configuration and Functions ......................... 3
9.1
Application Information.............................................. 8
6
Specifications......................................................... 3
9.2
Typical Application ................................................... 8
6.1
Absolute Maximum Ratings ...................................... 3
10
Power Supply Recommendations ..................... 10
6.2
ESD Ratings.............................................................. 3
11
Layout................................................................... 10
6.3
Recommended Operating Conditions ....................... 4
11.1
Layout Guidelines ................................................. 10
6.4
Thermal Information .................................................. 4
11.2
Layout Example .................................................... 10
6.5
Electrical Characteristics........................................... 4
12
Device and Documentation Support ................. 11
6.6
Switching Characteristics .......................................... 5
12.1
Trademarks ........................................................... 11
6.7
Operating Characteristics.......................................... 5
12.2
Electrostatic Discharge Caution ............................ 11
6.8
Typical Characteristics .............................................. 5
12.3
Glossary ................................................................ 11
7
Parameter Measurement Information .................. 6
13
Mechanical, Packaging, and Orderable
8
Detailed Description .............................................. 7
Information ........................................................... 11
4 Revision History
Changes from Revision M (January 2003) to Revision N
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Deleted Ordering Information table. ....................................................................................................................................... 1
Extended operating temperature range to 125°C................................................................................................................... 4
2
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: SN74AHCT1G00


유사한 부품 번호 - SN74AHCT1G00_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
More results

유사한 설명 - SN74AHCT1G00_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com