전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G125DCKRG4 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 74AUP1G125DCKRG4
상세설명  Low-Power Single Bus Buffer Gate With 3-State Output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74AUP1G125DCKRG4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button 74AUP1G125DCKRG4 Datasheet HTML 4Page - Texas Instruments 74AUP1G125DCKRG4 Datasheet HTML 5Page - Texas Instruments 74AUP1G125DCKRG4 Datasheet HTML 6Page - Texas Instruments 74AUP1G125DCKRG4 Datasheet HTML 7Page - Texas Instruments 74AUP1G125DCKRG4 Datasheet HTML 8Page - Texas Instruments 74AUP1G125DCKRG4 Datasheet HTML 9Page - Texas Instruments 74AUP1G125DCKRG4 Datasheet HTML 10Page - Texas Instruments 74AUP1G125DCKRG4 Datasheet HTML 11Page - Texas Instruments 74AUP1G125DCKRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
SN74AUP1G125
SCES595M – JULY 2004 – REVISED DECEMBER 2015
www.ti.com
7.7 Switching Characteristics, CL = 5 pF
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 2 and Figure 3)
FROM
TO
PARAMETER
VCC
TA
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
0.8 V
TA = 25°C
18.1
TA = 25°C
4.3
7.4
12.6
1.2 V ± 0.1 V
TA = –40°C to 85°C
2.7
15.3
TA = 25°C
3.3
5.2
8.5
1.5 V ± 0.1 V
TA = –40°C to 85°C
1
10.2
tpd
A
Y
TA = 25°C
2.6
4.1
6.8
ns
1.8 V ± 0.15 V
TA = –40°C to 85°C
1.3
8.3
TA = 25°C
2
2.9
4.7
2.5 V ± 0.2 V
TA = –40°C to 85°C
1.1
5.8
TA = 25°C
1.7
2.4
3.8
3.3 V ± 0.3 V
TA = –40°C to 85°C
1
4.6
0.8 V
TA = 25°C
19.1
TA = 25°C
5.1
9.3
15.9
1.2 V ± 0.1 V
TA = –40°C to 85°C
3.6
19.2
TA = 25°C
4.1
6.6
10.5
1.5 V ± 0.1 V
TA = –40°C to 85°C
2.5
12.7
ten
OE
Y
TA = 25°C
3.2
5.3
8.7
ns
1.8 V ± 0.15 V
TA = –40°C to 85°C
2.1
10.3
TA = 25°C
2.5
3.8
6
2.5 V ± 0.2 V
TA = –40°C to 85°C
1.6
7.2
TA = 25°C
2.1
3.2
4.9
3.3 V ± 0.3 V
TA = –40°C to 85°C
1.4
5.9
0.8 V
TA = 25°C
12.1
TA = 25°C
2.4
4.1
6.9
1.2 V ± 0.1 V
TA = –40°C to 85°C
2.2
7.7
TA = 25°C
1.8
2.9
4.5
1.5 V ± 0.1 V
TA = –40°C to 85°C
1.7
5.1
tdis
OE
Y
TA = 25°C
1
2.9
4.3
ns
1.8 V ± 0.15 V
TA = –40°C to 85°C
1.5
4.7
TA = 25°C
1
1.8
2.7
2.5 V ± 0.2 V
TA = –40°C to 85°C
1
3.3
TA = 25°C
1.2
2.2
3.2
3.3 V ± 0.3 V
TA = –40°C to 85°C
1.1
4
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AUP1G125


유사한 부품 번호 - 74AUP1G125DCKRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AUP1G125DCKRG4 TI-74AUP1G125DCKRG4 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G125DCKRG4 TI-74AUP1G125DCKRG4 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G125DCKRG4 TI1-74AUP1G125DCKRG4 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G125DCKRG4 TI1-74AUP1G125DCKRG4 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
74AUP1G125DCKRG4 TI1-74AUP1G125DCKRG4 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results

유사한 설명 - 74AUP1G125DCKRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com