전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G125DBVR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G125DBVR
상세설명  Low-Power Single Bus Buffer Gate With 3-State Output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G125DBVR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1G125DBVR Datasheet HTML 3Page - Texas Instruments SN74AUP1G125DBVR Datasheet HTML 4Page - Texas Instruments SN74AUP1G125DBVR Datasheet HTML 5Page - Texas Instruments SN74AUP1G125DBVR Datasheet HTML 6Page - Texas Instruments SN74AUP1G125DBVR Datasheet HTML 7Page - Texas Instruments SN74AUP1G125DBVR Datasheet HTML 8Page - Texas Instruments SN74AUP1G125DBVR Datasheet HTML 9Page - Texas Instruments SN74AUP1G125DBVR Datasheet HTML 10Page - Texas Instruments SN74AUP1G125DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
SN74AUP1G125
www.ti.com
SCES595M – JULY 2004 – REVISED DECEMBER 2015
7.6 Electrical Characteristics, TA = –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IOH = –20 μA
0.8 V to 3.6 V
VCC – 0.1
IOH = –1.1 mA
1.1 V
0.7 × VCC
IOH = –1.7 mA
1.4 V
1.03
IOH = –1.9 mA
1.65 V
1.3
VOL
V
IOH = –2.3 mA
1.97
2.3 V
IOH = –3.1 mA
1.85
IOH = –2.7 mA
2.67
3 V
IOH = –4 mA
2.55
IOL = 20 μA
0.8 V to 3.6 V
0.1
IOL = 1.1 mA
1.1 V
0.3 × VCC
IOL = 1.7 mA
1.4 V
0.37
IOL = 1.9 mA
1.65 V
0.35
VOL
V
IOL = 2.3 mA
0.33
2.3 V
IOL = 3.1 mA
0.45
IOL = 2.7 mA
0.33
3 V
IOL = 4 mA
0.45
A or OE
II
VI = GND to 3.6 V
0 V to 3.6 V
0.5
μA
input
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.6
μA
ΔIoff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.6
μA
IOZ
VO = VCC or GND
3.6 V
0.5
μA
VI = GND or (VCC to 3.6 V),
ICC
0.8 V to 3.6 V
0.9
μA
OE = GND, IO = 0
A input
50
VI = VCC – 0.6 V
(1),
3.3 V
IO = 0
OE input
120
ΔICC
μA
VI = GND to 3.6 V,
All inputs
0.8 V to 3.6 V
0
OE = VCC
(2)
(1)
One input at VCC – 0.6 V, other input at VCC or GND
(2)
To show ICC is very low when the input-disable feature is enabled
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74AUP1G125


유사한 부품 번호 - SN74AUP1G125DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G125DBVR TI-SN74AUP1G125DBVR Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DBVR TI-SN74AUP1G125DBVR Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DBVR TI-SN74AUP1G125DBVR Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DBVR TI1-SN74AUP1G125DBVR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DBVR TI1-SN74AUP1G125DBVR Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results

유사한 설명 - SN74AUP1G125DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com