전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AVCH4T245 데이터시트(PDF) 8 Page - Texas Instruments

부품명 SN74AVCH4T245
상세설명  4-Bit Dual-Supply Bus Transceiver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVCH4T245 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74AVCH4T245_15 Datasheet HTML 4Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 5Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 6Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 7Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 8Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 9Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 10Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 11Page - Texas Instruments SN74AVCH4T245_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
SN74AVCH4T245
SCES577E – JUNE 2004 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
All typical limits apply over TA = 25°C, and all maximum and minimum limits apply over TA = –40°C to 85°C (unless otherwise
noted).
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCCA = 1.2 V;
–50
VCCB = 1.2 V
VCCA = 1.6 V;
–125
VCCB = 1.6 V
VCCA = 1.95 V;
IBHHO
(6)
VI = 0 to VCCI
–200
µA
VCCB = 1.95 V
VCCA = 2.7 V;
–300
VCCB = 2.7 V
VCCA = 3.6 V;
–500
VCCB = 3.6 V
VI or VO = 0 to 3.6 V; VCCA = 0 V; VCCB TA = 25°C
±0.1
±1
= 0 V to 3.6 V
A port
TA = –40°C to
±5
85°C
Ioff
µA
VI or VO = 0 to 3.6 V; VCCA = 0 V to 3.6 TA = 25°C
±0.1
±1
V; VCCB = 0 V
B port
TA = –40°C to
±5
85°C
VO = VCCO or GND, VI = VCCI or GND;
TA = 25°C
±0.5
±2.5
OE = VIH; VCCA = 3.6 V; VCCB = 3.6 V
A or B port
TA = –40°C to
±5
85°C
IOZ
(7)
µA
VO = VCCO or GND, VI = VCCI or GND; OE = don't care;
B port
±5
VCCA = 0 V; VCCB = 3.6 V
VO = VCCO or GND, VI = VCCI or GND; OE = don't care;
A port
±5
VCCA = 3.6 V; VCCB = 0 V
VCCA = 1.2 V to
3.6 VVCCB = 1.2
8
V to 3.6 V
ICCA
VI = VCCI or GND, IO = 0
VCCA = 0 V; VCCB
µA
–2
= 3.6 V
VCCA = 3.6 V;
8
VCCB = 0 V
VCCA = 1.2 V to
3.6 VVCCB = 1.2
8
V to 3.6 V
ICCB
VI = VCCI or GND, IO = 0
VCCA = 0 V; VCCB
µA
8
= 3.6 V
VCCA = 3.6 V;
–2
VCCB = 0 V
ICCA +
VI = VCCI or GND, IO = 0; VCCA = 1.2 V to 3.6 V; VCCB =
16
µA
ICCB
1.2 V to 3.6 V
Ci
Control inputs
VI = 3.3 V or GND; VCCA = 3.3 V; VCCB = 3.3 V
3.5
4.5
pF
Cio
A or B port
VO = 3.3 V or GND; VCCA = 3.3 V; VCCB = 3.3 V
6
7
pF
(6)
An external driver must sink at least IBHHO to switch this node from high to low.
(7)
For I/O ports, the parameter IOZ includes the input leakage current.
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AVCH4T245


유사한 부품 번호 - SN74AVCH4T245_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245_101 TI-SN74AVCH4T245_101 Datasheet
650Kb / 20P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI1-SN74AVCH4T245_18 Datasheet
1Mb / 38P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
More results

유사한 설명 - SN74AVCH4T245_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC32T245 TI1-SN74AVC32T245_15 Datasheet
1Mb / 29P
[Old version datasheet]   32-Bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com