전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF60R217 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 IRF60R217
상세설명  Battery powered circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF60R217 데이터시트(HTML) 6 Page - Infineon Technologies AG

Back Button IRF60R217 Datasheet HTML 2Page - Infineon Technologies AG IRF60R217 Datasheet HTML 3Page - Infineon Technologies AG IRF60R217 Datasheet HTML 4Page - Infineon Technologies AG IRF60R217 Datasheet HTML 5Page - Infineon Technologies AG IRF60R217 Datasheet HTML 6Page - Infineon Technologies AG IRF60R217 Datasheet HTML 7Page - Infineon Technologies AG IRF60R217 Datasheet HTML 8Page - Infineon Technologies AG IRF60R217 Datasheet HTML 9Page - Infineon Technologies AG IRF60R217 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
 
IRF60R217
6
2016-01-05
Fig 14. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 16. Maximum Avalanche Energy vs. Temperature
Fig 15. Avalanche Current vs. Pulse Width
Notes on Repetitive Avalanche Curves, Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1.Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for every
part type.
2. Safe operation in Avalanche is allowed as long asTjmax is not
exceeded.
3. Equation below based on circuit and waveforms shown in Figures
23a, 23b.
4. PD (ave) = Average power dissipation per single avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for voltage
increase during avalanche).
6. Iav = Allowable avalanche current.
7.
T = Allowable rise in junction temperature, not to exceed Tjmax
(assumed as 25°C in Figures 14, 15).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see Figure 14)
PD (ave) = 1/2 ( 1.3·BV·Iav) = T/ ZthJC
Iav = 2T/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav  
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
20
40
60
80
100
TOP
Single Pulse
BOTTOM 1.0% Duty Cycle
ID = 35A
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming j = 25°C and
Tstart = 150°C.
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming Tj = 150°C and
Tstart = 25°C (Single Pulse)


유사한 부품 번호 - IRF60R217

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRF60R217 ISC-IRF60R217 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
More results

유사한 설명 - IRF60R217

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF135S203 IRF-IRF135S203 Datasheet
585Kb / 12P
   Battery powered circuits
logo
Infineon Technologies A...
IRF60B217 INFINEON-IRF60B217 Datasheet
234Kb / 10P
   Battery powered circuits
2016-01-05
logo
Advanced Monolithic Sys...
AMS6816 AMS-AMS6816 Datasheet
339Kb / 5P
   Battery powered equipment
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
logo
Shenzhen Huazhimei Semi...
HM6220 HMSEMI-HM6220 Datasheet
451Kb / 6P
   Battery-powered equipment
logo
Advanced Monolithic Sys...
AMS6206 AMS-AMS6206 Datasheet
376Kb / 6P
   Battery powered equipment
logo
Advanced Monolithic Sys...
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com