전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TYN810 데이터시트(PDF) 4 Page - Kersemi Electronic Co., Ltd.

부품명 TYN810
상세설명  SCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TYN810 데이터시트(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  TYN810 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TYN810 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TYN810 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TYN810 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TYN210 ---> TYN1010
4/4
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
TYNxx10
TYNxx10
TO-220AB
2.3 g
250
Bulk
s
Epoxy meets UL94,V0
s
Cooling method: C
s
Recommended torque value: 0.8 m.N.
s
Maximum torque value: 1 m.N.
OTHER INFORMATION
PACKAGE MECHANICAL DATA
TO-220AB (Plastic)
M
B
l4
C
b2
a2
l2
c2
l3
b1
a1
A
F
L
I
e
c1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88 0.024
0.034
b2
1.23
1.32 0.048
0.051
C
4.40
4.60 0.173
0.181
c1
0.49
0.70 0.019
0.027
c2
2.40
2.72 0.094
0.107
e
2.40
2.70 0.094
0.106
F
6.20
6.60 0.244
0.259
I
3.75
3.85 0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95 0.104
0.116
l2
1.14
1.70 0.044
0.066
l3
1.14
1.70 0.044
0.066
M
2.60
0.102
www.kersemi.com
Information offers:http://www.kkg.com.cn


유사한 부품 번호 - TYN810

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TYN810 STMICROELECTRONICS-TYN810 Datasheet
229Kb / 4P
   SCR
TYN810 STMICROELECTRONICS-TYN810 Datasheet
58Kb / 4P
   SCR
TYN810 STMICROELECTRONICS-TYN810 Datasheet
63Kb / 6P
   10A SCR
TYN810RG STMICROELECTRONICS-TYN810RG Datasheet
63Kb / 6P
   10A SCR
TYN810RG STMICROELECTRONICS-TYN810RG Datasheet
63Kb / 6P
   10A SCR
More results

유사한 설명 - TYN810

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com