전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS820-600H 데이터시트(PDF) 1 Page - Kersemi Electronic Co., Ltd.

부품명 TS820-600H
상세설명  8A SCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TS820-600H 데이터시트(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  TS820-600H Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TS820-600H Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TS820-600H Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TS820-600H Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. TS820-600H Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. TS820-600H Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. TS820-600H Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. TS820-600H Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. TS820-600H Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
TN8, TS8 and TYNx08 Series
8A SCRs
MAIN FEATURES:
DESCRIPTION
Available either in sensitive (TS8) or standard
(TN8 / TYN) gate triggering levels, the 8A SCR
series is suitable to fit all modes of control, found
in applications such as overvoltage crowbar
protection, motor control circuits in power tools
and kitchen aids, inrush current limiting circuits,
capacitive
discharge
ignition
and
voltage
regulation circuits...
Available
in
through-hole
or
surface-mount
packages, they provide an optimized performance
in a limited space area.
Symbol
Value
Unit
IT(RMS)
8A
VDRM/VRRM
600 to 1000
V
IGT
0.2 to 15
mA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tc = 110°C
8
A
IT(AV)
Average on-state current (180° conduction angle)
Tc = 110°C
5
A
TS8/TN8
TYN
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
73
100
A
tp = 10 ms
70
95
I
²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
24.5
45
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage (for TN8 & TYN only)
5
V
A
K
G
A
G
A
K
DPAK
(TS8-B)
(TN8-B)
A
A
K
G
IPAK
(TS8-H)
(TN8-H)
A
A
K
G
G
A
A
K
TO-220AB
(TS8-T)
TO-220AB
(TYNx)
www.kersemi.com
资料提供:可控硅在线 http://www.kkg.com.cn


유사한 부품 번호 - TS820-600H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TS820-600H STMICROELECTRONICS-TS820-600H Datasheet
160Kb / 13P
   Sensitive and standard 8 A SCRs
logo
Kersemi Electronic Co.,...
TS820-600H KERSEMI-TS820-600H Datasheet
487Kb / 9P
   8A SCRs
logo
STMicroelectronics
TS820-600H-TR STMICROELECTRONICS-TS820-600H-TR Datasheet
162Kb / 9P
   8A SCRs
More results

유사한 설명 - TS820-600H

제조업체부품명데이터시트상세설명
logo
NEC
8P2SMA NEC-8P2SMA Datasheet
238Kb / 6P
   8A MOLD ISOLATED SCR
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com