전자부품 데이터시트 검색엔진 |
|
TS820-800T 데이터시트(PDF) 2 Page - Kersemi Electronic Co., Ltd. |
|
TS820-800T 데이터시트(HTML) 2 Page - Kersemi Electronic Co., Ltd. |
2 / 9 page TN8, TS8 and TYNx08 Series 2/9 ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified) s SENSITIVE s STANDARD THERMAL RESISTANCES S= copper surface under tab Symbol Test Conditions TS820 Unit IGT VD = 12 V RL = 140 Ω MAX. 200 µA VGT MAX. 0.8 V VGD VD = VDRM RL = 3.3 kΩ RGK = 220 Ω Tj = 125°C MIN. 0.1 V VRG IRG = 10 µA MIN. 8V IH IT = 50 mA RGK = 1 kΩ MAX. 5 mA IL IG = 1 mA RGK = 1 kΩ MAX. 6 mA dV/dt VD = 65 % VDRM RGK = 220 Ω Tj = 125°C MIN. 5 V/µs VTM ITM = 16 A tp = 380 µs Tj = 25°C MAX. 1.6 V Vt0 Threshold voltage Tj = 125°C MAX. 0.85 V Rd Dynamic resistance Tj = 125°C MAX. 46 m Ω IDRM IRRM VDRM = VRRM RGK = 220 Ω Tj = 25°C MAX. 5 µA Tj = 125°C 1 mA Symbol Test Conditions TN805 TN815 TYNx08 Unit IGT VD = 12 V RL = 33 Ω MIN. 0.5 2 2 mA MAX. 5 15 15 VGT MAX. 1.3 V VGD VD = VDRM RL = 3.3 kΩ Tj = 125°C MIN. 0.2 V IH IT = 100 mA Gate open MAX. 25 40 30 mA IL IG = 1.2 IGT MAX. 30 50 70 mA dV/dt VD = 67 % VDRM Gate open Tj = 125°C MIN. 50 150 150 V/µs VTM ITM = 16 A tp = 380 µs Tj = 25°C MAX. 1.6 V Vt0 Threshold voltage Tj = 125°C MAX. 0.85 V Rd Dynamic resistance Tj = 125°C MAX. 46 m Ω IDRM IRRM VDRM = VRRM Tj = 25°C MAX. 5 µA Tj = 125°C 2 mA Symbol Parameter Value Unit Rth(j-c) Junction to case (DC) 20 °C/W Rth(j-a) Junction to ambient (DC) TO-220AB 60 °C/W IPAK 100 S = 0.5 cm² DPAK 70 /T www.kersemi.com 资料提供:可控硅在线 http://www.kkg.com.cn |
유사한 부품 번호 - TS820-800T |
|
유사한 설명 - TS820-800T |