전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TYN1008 데이터시트(PDF) 4 Page - Kersemi Electronic Co., Ltd.

부품명 TYN1008
상세설명  8A SCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TYN1008 데이터시트(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  TYN1008 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TYN1008 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TYN1008 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TYN1008 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. TYN1008 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. TYN1008 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. TYN1008 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. TYN1008 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. TYN1008 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TN8, TS8 and TYNx08 Series
4/9
OTHER INFORMATION
Note: x = voltage
Part Number
Marking
Weight
Base Quantity
Packing mode
TN805-x00B
TN805x00
0.3 g
75
Tube
TN805-x00B-TR
TN805x00
0.3 g
2500
Tape & reel
TN805-x00H
TN805x00
0.4 g
75
Tube
TN815-x00B
TN815x00
0.3 g
75
Tube
TN815-x00B-TR
TN815x00
0.3 g
2500
Tape & reel
TN815-x00H
TN815x00
0.4 g
75
Tube
TS820-x00B
TS820x00
0.3 g
75
Tube
TS820-x00B-TR
TS820x00
0.3 g
2500
Tape & reel
TS820-x00H
TS820x00
0.4 g
75
Tube
TS820-x00T
TS820x00T
2.3 g
50
Tube
TYNx08
TYNx08
2.3 g
250
Bulk
TYNx08RG
TYNx08
2.3 g
50
Tube
Fig. 1: Maximum average power dissipation
versus average on-state current.
Fig. 2-1: Average and D.C. on-state current
versus case temperature.
Fig. 2-2: Average and D.C. on-state current
versus ambient temperature (device mounted on
FR4 with recommended pad layout) (DPAK).
Fig. 3-1: Relative variation of thermal impedance
junction to case versus pulse duration.
0123
456
0
1
2
3
4
5
6
7
8
P(W)
α = 180°
IT(av)(A)
360°
α
0
25
50
75
100
125
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
IT(av)(A)
DC
α = 180°
Tcase(°C)
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IT(av)(A)
α =180°
DC
Tamb(°C)
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
K = [Zth(j-c)/Rth(j-c)]
tp(s)
www.kersemi.com
资料提供:可控硅在线 http://www.kkg.com.cn


유사한 부품 번호 - TYN1008

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TYN1008 STMICROELECTRONICS-TYN1008 Datasheet
341Kb / 5P
   Silicon controlled rectifiers
TYN1008 STMICROELECTRONICS-TYN1008 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TYN1008G STMICROELECTRONICS-TYN1008G Datasheet
341Kb / 5P
   Silicon controlled rectifiers
TYN1008RG STMICROELECTRONICS-TYN1008RG Datasheet
162Kb / 9P
   8A SCRs
More results

유사한 설명 - TYN1008

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TN8 STMICROELECTRONICS-TN8 Datasheet
162Kb / 9P
   8A SCRs
TN8 STMICROELECTRONICS-TN8_06 Datasheet
125Kb / 10P
   8A SCRS
logo
Tiger Electronic Co.,Lt...
TS820-600B-TR TGS-TS820-600B-TR Datasheet
102Kb / 1P
   8A SCRs
TS820-600T TGS-TS820-600T Datasheet
98Kb / 1P
   8A SCRs
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com