전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67101-H6791 데이터시트(PDF) 50 Page - Siemens Semiconductor Group

부품명 Q67101-H6791
상세설명  ICs for Communications
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67101-H6791 데이터시트(HTML) 50 Page - Siemens Semiconductor Group

Back Button Q67101-H6791 Datasheet HTML 46Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 47Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 48Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 49Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 50Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 51Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 52Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 53Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 54Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 272 page
background image
SAB 82532/SAF 82532
HDLC/SDLC Serial Mode
Semiconductor Group
50
07.96
Non-Auto-Mode (MODE: MDS1, MDS0 = ‘01’)
Characteristics: address recognition, arbitrary window size.
All frames with valid addresses (address recognition identical to auto-mode) are
forwarded directly via the RFIFO to the system memory.
The HDLC control field, data in the I-field and an additional status byte are temporarily
stored in the RFIFO. The HDLC control field and additional information can also be read
from special registers (RHCR, RSTA).
In non-auto-mode, all frames with a valid address are treated similarly.
In version 2 upward the address bytes can be masked to allow selective broadcast frame
recognition. For further information see chapter 5.4.10.
Transparent Mode 1 (MODE: MDS1, MDS0, ADM = ‘101’)
Characteristics: address recognition high byte
Only the high byte of a 2-byte address field will be compared. The address byte is
compared with the fixed value FEH or FCH (group address) as well as with two
individually programmable values in RAH1 and RAH2 registers. The whole frame
excluding the first address byte will be stored in RFIFO. RAL1 contains the second and
RHCR the third byte following the opening flag.
In version 2 upward the address bytes can be masked to allow selective broadcast frame
recognition. For further information see chapter 5.4.10.
Transparent Mode 0 (MODE: MDS1, MDS0, ADM = ‘100’)
Characteristics: no address recognition
No address recognition is performed and each frame will be stored in the RFIFO. RAL1
contains the first and RHCR the second byte following the opening flag.
Extended Transparent Modes 0, 1 (MODE: MDS1, MDS0 = ‘11’)
Characteristics: fully transparent
In extended transparent modes, fully transparent data transmission/reception without
HDLC framing is performed, i.e. without FLAG generation/recognition, CRC
generation/check, or bit stuffing. This allows user specific protocol variations.
Data transmission is always performed out of the XFIFO. In extended transparent mode
0 (ADM = ‘0’), data reception is done via the RAL1 register, which always contains the
current data byte assembled at the RxD pin. In extended transparent mode 1
(ADM = ‘1’), the receive data are additionally shifted into the RFIFO.


유사한 부품 번호 - Q67101-H6791

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67101-H6773 SIEMENS-Q67101-H6773 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
Q67101-H6773 SIEMENS-Q67101-H6773 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
More results

유사한 설명 - Q67101-H6791

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com