전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67101-H6789 데이터시트(PDF) 69 Page - Siemens Semiconductor Group

부품명 Q67101-H6789
상세설명  ICs for Communications
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67101-H6789 데이터시트(HTML) 69 Page - Siemens Semiconductor Group

Back Button Q67101-H6789 Datasheet HTML 65Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 66Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 67Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 68Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 69Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 70Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 71Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 72Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 73Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 272 page
background image
SAB 82532/SAF 82532
Asynchronous Serial Mode
Semiconductor Group
69
07.96
6.2
Data Reception
6.2.1
Operating Modes
The ESCC2 offers the flexibility to combine clock modes, data encoding and data
sampling in many different ways. However, only definite combinations make sense and
are recommended for correct operation:
Asynchronous Mode
Prerequisites:
• Bit clock rate 16 selected (CCR1:BCR = ‘1’)
• Clock mode 0, 1, 3b, 4, or 7b selected
• NRZ data encoding
The receiver which operates with a clock rate equal to 16 times the nominal data bit rate,
synchronizes itself to each character by detecting and verifying the start bit. Since
character length, parity and stop bit length is known, the ensuing valid bits are sampled.
Oversampling (3 samples) around the nominal bit center in conjunction with majority
decision is provided for every received bit (including start bit).
The synchronization lasts for one character, the next incoming character causes a new
synchronization to be performed. As a result, the demand for high clock accuracy is
reduced. Two communication stations using the asynchronous procedure are clocked
independently, their clocks need not be in phase or locked to exactly the same frequency
but, in fact, may differ from one another within a certain range.
Isochronous Mode
Prerequisites:
• Bit clock rate 1 selected (CCR1:BCR = ‘0’)
• Clock mode 2, 3a, 6, or 7a (DPLL mode) has to be used in conjunction with FM0, FM1
or Manchester encoding.
The isochronous mode uses the asynchronous character format. However, each data bit
is only sampled once (no oversampling).
In clock modes 0 and 1, the input clock has to be externally phase locked to the data
stream. This mode allows much higher transfer rates. Clock modes 3b, 4 and 7b are not
recommended due to difficulties with bit synchronization when using the internal baud
rate generator.
In clock modes 2, 3a, 6, and 7a, clock recovery is provided by the internal DPLL. Correct
synchronization of the DPLL is achieved if there are enough edges within the data
stream, which is generally ensured only if Bi-Phase encoding (FM0, FM1 or Manchester)
is used.


유사한 부품 번호 - Q67101-H6789

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67101-H6773 SIEMENS-Q67101-H6773 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
Q67101-H6773 SIEMENS-Q67101-H6773 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
More results

유사한 설명 - Q67101-H6789

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com