전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67101-H6789 데이터시트(PDF) 75 Page - Siemens Semiconductor Group

부품명 Q67101-H6789
상세설명  ICs for Communications
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67101-H6789 데이터시트(HTML) 75 Page - Siemens Semiconductor Group

Back Button Q67101-H6789 Datasheet HTML 71Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 72Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 73Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 74Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 75Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 76Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 77Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 78Page - Siemens Semiconductor Group Q67101-H6789 Datasheet HTML 79Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 272 page
background image
SAB 82532/SAF 82532
Asynchronous Serial Mode
Semiconductor Group
75
07.96
6.4.4
In-band Flow Control Transparency
In ASYNC modes an optional in-band flow control is provided with the XON/XOFF
characters.
If MODE:FLON bit = ‘1’ then the transmitter output is controlled based on recognition of
the XON/XOFF characters at the receiver.
A new optional function ‘Disable XON/XOFF Storage’ bit (DXS) in the RFC register is
used to determine if the received in-band flow control characters (XON/XOFF) are to be
stored in the RFIFO or to be removed from the incoming data stream. Setting the
control bit RFC:DXS = ‘1’ (in conjunction with MODE:FLON = ‘1’) causes the
XON/XOFF received characters to be discarded. Normally with RFC/DXS = ‘0’ (and
on RESET condition) the received XON/XOFF characters are stored in the RFIFO along
with the data.
6.4.5
Continuous Transmission (DMA mode only)
If data transfer from system memory to the ESCC2 is done by DMA (DMA bit in XBCH
set), the number of characters to be transmitted is usually defined via the Transmit Byte
Count registers (XBCH, XBCL: bits XBC11 … XBC0).
However, if the ‘Transmit Continuously’ (XC) bit in XBCH is set, the byte count value is
ignored and the DMA interface of ESCC2 will continuously request for transmit data any
time 32 new characters can be stored in XFIFO.
Note: If the XC bit is reset during continuous transmission, the transmit byte count
becomes valid again, and the ESCC2 will request the amount of DMA transfers
programmed via XBC11 … XBC0. Otherwise, the continuous transmission is
stopped when a data underrun condition occurs in XFIFO, i.e. the DMA controller
does not transfer further data to ESCC2. In this case continuous ‘1’s (IDLE) are
transmitted.


유사한 부품 번호 - Q67101-H6789

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67101-H6773 SIEMENS-Q67101-H6773 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
Q67101-H6773 SIEMENS-Q67101-H6773 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
More results

유사한 설명 - Q67101-H6789

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com