전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC6C595PWG4 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPIC6C595PWG4
상세설명  Power Logic 8-Bit Shift Register
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6C595PWG4 데이터시트(HTML) 3 Page - Texas Instruments

  TPIC6C595PWG4 Datasheet HTML 1Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 2Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 3Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 4Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 5Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 6Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 7Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 8Page - Texas Instruments TPIC6C595PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
SER IN
DRAIN0
DRAIN1
DRAIN2
DRAIN3
CLR
G
GND
SRCK
DRAIN7
DRAIN6
DRAIN5
DRAIN4
RCK
SER OUT
TPIC6C595
www.ti.com
SLIS061D – JULY 1998 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
D, PW, or N Package
16-Pin SOIC, TSSOP, or PDIP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CLR
7
I
Shift register clear, active-low
DRAIN0
3
O
Open-drain output
DRAIN1
4
O
Open-drain output
DRAIN2
5
O
Open-drain output
DRAIN3
6
O
Open-drain output
DRAIN4
11
O
Open-drain output
DRAIN5
12
O
Open-drain output
DRAIN6
13
O
Open-drain output
DRAIN7
14
O
Open-drain output
G
8
I
Output enable, active-low
GND
16
Power ground
RCK
10
I
Register clock
SER IN
2
I
Serial data input
SER OUT
9
O
Serial data output
SRCK
15
I
Shift register clock
VCC
1
I
Power supply
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPIC6C595


유사한 부품 번호 - TPIC6C595PWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6C595PWG4 TI1-TPIC6C595PWG4 Datasheet
962Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

유사한 설명 - TPIC6C595PWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com