전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G241DCUTE4 데이터시트(PDF) 3 Page - Texas Instruments

부품명 74LVC2G241DCUTE4
상세설명  Dual Buffer and Driver With 3-State Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC2G241DCUTE4 데이터시트(HTML) 3 Page - Texas Instruments

  74LVC2G241DCUTE4 Datasheet HTML 1Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 2Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 3Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 4Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 5Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 6Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 7Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 8Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
GND
5
4
2A
3 6
1Y
2Y
2 7
2OE
1A
8
V
CC
1
1OE
1
V
CC
8
1OE
2
7
1A
2OE
3
6
2Y
1Y
4
5
GND
2A
3
6
1Y
2Y
8
1
V
CC
1OE
5
GND
4
2A
2
7
2OE
1A
SN74LVC2G241
www.ti.com
SCES210O – APRIL 1999 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
DCT Package
DCU Package
8-Pin SM8
8-Pin VSSOP
Top View
Top View
YZP Package
8-Pin DSBGA
Bottom View
Pin Functions(1)(2)
PIN
I/O
DESCRIPTION
NAME
NO.
1A
2
I
Input
1OE
1
I
Output enable (Active low)
1Y
6
O
Output
2A
5
I
Input
2Y
3
O
Output
2OE
7
I
Output enable (Active high)
GND
4
Ground
VCC
8
Power pin
(1)
N.C. – No internal connection
(2)
See Mechanical, Packaging, and Orderable Information for dimensions
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC2G241


유사한 부품 번호 - 74LVC2G241DCUTE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVC2G241DCUTE4 TI-74LVC2G241DCUTE4 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74LVC2G241DCUTE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC2G241 TI1-SN74LVC2G241_17 Datasheet
1,017Kb / 24P
[Old version datasheet]   Dual Buffer and Driver With 3-State Outputs
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
SN74AUC2G241 TI-SN74AUC2G241 Datasheet
266Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com