전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G139DCTTE4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 74LVC1G139DCTTE4
상세설명  2-to-4 Line Decoder
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G139DCTTE4 데이터시트(HTML) 5 Page - Texas Instruments

  74LVC1G139DCTTE4 Datasheet HTML 1Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 2Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SN74LVC1G139
www.ti.com
SCES602D – AUGUST 2004 – REVISED AUGUST 2015
6.4 Thermal Information
SN74LVC1G139
THERMAL METRIC(1)
DCT (SM8)
DCU (VSSOP)
YZP (DSBGA)
UNIT
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
194
195
106
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
124
74
1.6
°C/W
RθJB
Junction-to-board thermal resistance
106
74
11
°C/W
ψJT
Junction-to-top characterization parameter
48
6.7
3.1
°C/W
ψJB
Junction-to-board characterization parameter
105
73
11
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
II
A or B inputs
VI = 5.5 V or GND
0 to 5.5 V
±1
µA
Ioff
VI or VO = 5.5 V
0
±5
µA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
µA
Other inputs at VCC or
ΔICC
One input at VCC – 0.6 V,
3 V to 5.5 V
500
µA
GND
Ci
VI = VCC or GND
3.3 V
4
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6.6 Switching Characteristics
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
TEST
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
MIN
MAX
MIN MAX
MIN MAX
MIN MAX
See Figure 2
2.7
15.3
1.5
7.5
0.9
4.9
0.8
3.6
tpd
A or B
Y
ns
See Figure 3
3
16.7
1.6
8.2
1.2
5.9
1.1
4.2
6.7 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Cpd
(1)
Power dissipation capacitance
f = 10 MHz
31
34
36
39
pF
(1)
Two outputs switching.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC1G139


유사한 부품 번호 - 74LVC1G139DCTTE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVC1G139DCTTE4 TI-74LVC1G139DCTTE4 Datasheet
402Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
More results

유사한 설명 - 74LVC1G139DCTTE4

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F_01 Datasheet
218Kb / 7P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139 Datasheet
146Kb / 10P
[Old version datasheet]   2-TO -4 LINE DECODER
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F Datasheet
203Kb / 6P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139_08 Datasheet
431Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
SN74LVC1G139 TI-SN74LVC1G139_07 Datasheet
402Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
logo
STMicroelectronics
M54HC155 STMICROELECTRONICS-M54HC155 Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74HC155AP TOSHIBA-TC74HC155AP_07 Datasheet
341Kb / 9P
   Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com