전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLE22C05S-V5-F7-M2 데이터시트(PDF) 7 Page - Infineon Technologies AG

부품명 SLE22C05S-V5-F7-M2
상세설명  Security & Chip Card ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE22C05S-V5-F7-M2 데이터시트(HTML) 7 Page - Infineon Technologies AG

  SLE22C05S-V5-F7-M2 Datasheet HTML 1Page - Infineon Technologies AG SLE22C05S-V5-F7-M2 Datasheet HTML 2Page - Infineon Technologies AG SLE22C05S-V5-F7-M2 Datasheet HTML 3Page - Infineon Technologies AG SLE22C05S-V5-F7-M2 Datasheet HTML 4Page - Infineon Technologies AG SLE22C05S-V5-F7-M2 Datasheet HTML 5Page - Infineon Technologies AG SLE22C05S-V5-F7-M2 Datasheet HTML 6Page - Infineon Technologies AG SLE22C05S-V5-F7-M2 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SLE 22C05S
Short Product Information
7 / 8
11.01
General Description
SLE 22C05S is a member of the Infineon Technologies low cost security controller family
in 0.6 µm CMOS technology. The CPU provides the high efficiency of the SAB 8051
instruction set extended by additional powerful instructions together with enhanced
performance, memory sizes and security features.
The controller IC offers 7.5 Kbytes of User-ROM, 128 bytes internal RAM and 512 Bytes
EEPROM.
The CRC module allows the easy generation of checksums according to ISO 3309 (16-Bit-
CRC). To minimize the overall power consumption, the chip card controller IC offers a
sleep mode.
ROM
8 Kbyte
EEPROM
512 byte
Voltage
Clock
Reset
Sleep Mode Logic
Sensors/Filters
Voltage Regulator
Address-/Data Bus
CRC
16-Bit CPU
&
ECO 2000
Instruction Set
128 byte IRAM
As an important measure, the chip provides a new and enhanced level of on-chip security
features.
In conclusion, the SLE 22C05S fulfills the requirements for all chip card applications, like
loyalty, Metering, Membership Cards etc. The SLE 22C05S is a powerful chip card
controller IC with enhanced performance and optimized power consumption on a
minimized die size. Therefore, the SLE 22C05S offers the basis for new chip card
applications.


유사한 부품 번호 - SLE22C05S-V5-F7-M2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SLE210K ETC2-SLE210K Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
SLE210K ETC2-SLE210K Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE210K COPAL-SLE210K Datasheet
331Kb / 3P
   Miniature Power Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
More results

유사한 설명 - SLE22C05S-V5-F7-M2

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com