전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLE66C681PEM5 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 SLE66C681PEM5
상세설명  Security & Chip Card ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C681PEM5 데이터시트(HTML) 5 Page - Infineon Technologies AG

  SLE66C681PEM5 Datasheet HTML 1Page - Infineon Technologies AG SLE66C681PEM5 Datasheet HTML 2Page - Infineon Technologies AG SLE66C681PEM5 Datasheet HTML 3Page - Infineon Technologies AG SLE66C681PEM5 Datasheet HTML 4Page - Infineon Technologies AG SLE66C681PEM5 Datasheet HTML 5Page - Infineon Technologies AG SLE66C681PEM5 Datasheet HTML 6Page - Infineon Technologies AG SLE66C681PEM5 Datasheet HTML 7Page - Infineon Technologies AG SLE66C681PEM5 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SLE 66C681PE
Preliminary - Short Product Information
5 / 9
02.04
Ordering Information
Type
Package
1
Voltage
Range
Temperature
Range
Frequency
Range
(int. clock
frequency
Frequency
Range
(ext. clock
frequency)
SLE 66C681PE C
Die (sawn,
unsawn)
SLE 66C681PE M5
M5.1
1.8 V; 3.0 V; 5.0 V
or
3.0 V; 5.0 V
– 25°C to + 70°C
or
– 25°C to + 85°C
Up to 33 MHz
1 MHz - 5 MHz
or
1 MHz - 7.5 MHz
For ordering information please refer to the databook and contact your sales representative.
Production sites for SLE 66C681PE:
Dresden (Germany), UMC (Taiwan), Altis (France).
1 available as wire-bonded module (M5) for embedding in plastic cards or as die (C) for customer packaging


유사한 부품 번호 - SLE66C681PEM5

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLE66C680PE INFINEON-SLE66C680PE Datasheet
60Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C680PEC INFINEON-SLE66C680PEC Datasheet
60Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C680PEM5 INFINEON-SLE66C680PEM5 Datasheet
60Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C682PE INFINEON-SLE66C682PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C682PEC INFINEON-SLE66C682PEC Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
More results

유사한 설명 - SLE66C681PEM5

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com