전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLE66CL80P-M84 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 SLE66CL80P-M84
상세설명  Secure Mobile Solutions - Security
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CL80P-M84 데이터시트(HTML) 6 Page - Infineon Technologies AG

Back Button SLE66CL80P-M84 Datasheet HTML 2Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 3Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 4Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 5Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 6Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 7Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 8Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 9Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
µµ
SLE 66CL80P
Short Product Information
6 / 10
2004-04-01
Timing performances are independent of the contact or contactless interface.
Table 1
Performance DDES-EC2 Accelerator
Encryption
Time
for
an
8-byte Block including Data
Transfer
Operation
Data Block
Length
5 MHz
15 MHz
High Speed and Secure
56-bit Single DES Encryption (incl. key loading)
64 bit
37 µs
12 µs
High Speed and Secure
56-bit Single DES Encryption
64 bit
23 µs
8 µs
High Speed and Secure
112-bit Triple DES Encryption (incl. key loading)
64 bit
60 µs
20 µs
High Speed and Secure
112-bit Triple DES Encryption
64 bit
35 µs
12 µs
Calculation Time
Operand
Length
5 MHz
15 MHz
Elliptic Curves GF(2n) EC-DSA Signature Generate 192 bit
285 ms
95 ms
Elliptic Curves GF(2n) EC-DSA Signature Verify
192 bit
540 ms
180 ms
Table 2
Ordering Information1
Type
Package Voltage Range Temperature
Range
Frequency Range
(external clock)
SLE 66CL80P – M8.4
M8.42
SLE 66CL80P – C
Chip
2.7 V - 5.5 V
– 25°C to + 85°C
1 MHz – 7.5 MHz
1 Ordering Codes are available on request
2 Dual Interface Module (M8.4)


유사한 부품 번호 - SLE66CL80P-M84

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
SLE66CL81P-MCC8 INFINEON-SLE66CL81P-MCC8 Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
More results

유사한 설명 - SLE66CL80P-M84

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
SLE6636 INFINEON-SLE6636 Datasheet
158Kb / 7P
   Secure Mobile Solutions
2003-08-05
SLE66R35 INFINEON-SLE66R35 Datasheet
102Kb / 6P
   Secure Mobile Solutions
2003-08-07
logo
Intersil Corporation
TW2866-LC1-CR INTERSIL-TW2866-LC1-CR Datasheet
1Mb / 2P
   Security Surveillance IC Solutions
TW2851 INTERSIL-TW2851 Datasheet
1Mb / 2P
   Security Surveillance IC Solutions
logo
Pulse A Technitrol Comp...
W3008C PULSE-W3008C Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
logo
Maxim Integrated Produc...
MAXQ1103 MAXIM-MAXQ1103_11 Datasheet
64Kb / 2P
   High-Performance Secure RISC Microcontroller Security Features
Rev 4; 3/11
logo
STMicroelectronics
STM32HSM-V2 STMICROELECTRONICS-STM32HSM-V2 Datasheet
162Kb / 3P
   Hardware security module for secure firmware installation
Rev 1 - July 2020
logo
List of Unclassifed Man...
ISP1703BUKTS ETC2-ISP1703BUKTS Datasheet
906Kb / 3P
   Ultra-low-power transceiver solutions for mobile and portable applications
logo
STMicroelectronics
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
   Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com