전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLE66CX160P-F7C 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 SLE66CX160P-F7C
상세설명  Security & Chip Card ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX160P-F7C 데이터시트(HTML) 5 Page - Infineon Technologies AG

  SLE66CX160P-F7C Datasheet HTML 1Page - Infineon Technologies AG SLE66CX160P-F7C Datasheet HTML 2Page - Infineon Technologies AG SLE66CX160P-F7C Datasheet HTML 3Page - Infineon Technologies AG SLE66CX160P-F7C Datasheet HTML 4Page - Infineon Technologies AG SLE66CX160P-F7C Datasheet HTML 5Page - Infineon Technologies AG SLE66CX160P-F7C Datasheet HTML 6Page - Infineon Technologies AG SLE66CX160P-F7C Datasheet HTML 7Page - Infineon Technologies AG SLE66CX160P-F7C Datasheet HTML 8Page - Infineon Technologies AG SLE66CX160P-F7C Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SLE 66CX160P
Preliminary Short Product Information
5 / 9
08.01
Performance Advanced Crypto Engine
Calculation Time
Operation
Modulus
Exponent
5MHz
10 MHz
15 MHz
Modular Exponentiation
RSA Encrypt / RSA Signature Verify
1024 bit
17 bit
20 ms
11 ms
7 ms
Modular Exponentiation
RSA Decrypt / RSA Signature
Generate
1024 bit
1024 bit
820 ms
410 ms
273 ms
Modular Exponentiation using CRT
RSA Decrypt / RSA Signature
eq.1024 bit eq.1024 bit 250 ms
125 ms
83 ms
DSA Signature Generate
512 bit
160 bit
97ms
49 ms
32 ms
DSA Signature Verify
512 bit
160 bit
117 ms
59 ms
39 ms
DSA Signature Generate
1024 bit
160 bit
438 ms
219 ms
146 ms
DSA Signature Verify
1024 bit
160 bit
711 ms
356 ms
237 ms
Performance DDES-EC2 Accelerator
Encryption Time for an
8-Byte Block incl. Data
Transfer
Operation
Data Block
Length
5 MHz 10 MHz 15 MHz
56-bit Single DES Encryption
64 bit
23 µs
11 µs
8 µs
112-bit Triple DES Encryption
64 bit
35 µs
17 µs
12 µs
Calculation Time
Operand
Length
5 MHz 10 MHz 15 MHz
Elliptic Curves GF(2
n) EC-DSA Signature Generate
192 bit
285 ms 142 ms 95 ms
Elliptic Curves GF(2
n) EC-DSA Signature Verify
192 bit
540 ms 270 ms 180 ms


유사한 부품 번호 - SLE66CX160P-F7C

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLE66CX160S INFINEON-SLE66CX160S Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
SLE66CX160S-C INFINEON-SLE66CX160S-C Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
SLE66CX160S-M6 INFINEON-SLE66CX160S-M6 Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
SLE66CX160S-T85-C INFINEON-SLE66CX160S-T85-C Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
SLE66CX160S-T85-M6 INFINEON-SLE66CX160S-T85-M6 Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
More results

유사한 설명 - SLE66CX160P-F7C

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com