전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLE66CX322PC 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 SLE66CX322PC
상세설명  Security & Chip Card ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX322PC 데이터시트(HTML) 3 Page - Infineon Technologies AG

  SLE66CX322PC Datasheet HTML 1Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 2Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 3Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 4Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 5Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 6Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 7Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 8Page - Infineon Technologies AG SLE66CX322PC Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SLE 66CX322P
Short Product Information
3 / 10
11.02
16-Bit Security Controller with MMU in 0.22µm CMOS Technology
136-Kbyte ROM, 5052 bytes RAM, 32-Kbyte EEPROM
1100-Bit ACE and 112-Bit / 192-Bit DDES-EC2 Accelerator
Features
16-bit microcomputer in 0.22 µm CMOS
technology
Instruction set opcode compatible with
standard SAB 8051 processor
Enhanced 16-bit arithmetic
Additional powerful instructions optimized
for chip card applications
Dedicated, non-standard architecture with
execution time 6 times faster (18 times
by PLLmax) than standard SAB 8051
processor at same external clock
134 Kbytes User ROM for application
programs
Additional 2 Kbytes reserved ROM for
Resource Management System (RMS+
Superslim) with intelligent E² write/erase
routines
32 Kbytes Superslim-EEPROM
4Kbytes XRAM, 256 bytes internal RAM,
700 bytes Crypto RAM.
Memory Management and Protection
Unit (MMU)
Dual Key Triple DES (DDES) and EC2
GF (2
n) Accelerator
Advanced Crypto Engine for up to 2048
bit RSA computation
Certified RSA 2048 library available
(refer to product brief)
CRC Module
Interrupt Module
PLL up to 15 MHz
Two 16-bit Autoreload Timer
Power saving sleep mode
Ext. Clock freq. 1 to 7.5 MHz for int.
Clock
≤ 15 MHz @ 2.7V-5.5V
Ext. Clock freq. 1 to 5 MHz for int. Clock
≤ 11 MHz @ 1.62V-5.5V
UART for handling serial interface in
accordance with ISO/IEC 7816 part 3
supporting transmission protocols T=1
and T=0
I/O routines realized in software executable
Supply voltage range:1.62 to 5.5 V
Current consumption
< 10 mA @ 5.5 V
< 6 mA @ 3.3 V
< 4 mA @ 1.98 V
Temperature range: -25 to +85°C
ESD larger than 6 kV
Superslim-EEPROM
Reading and programming byte by byte
Flexible page mode for 1 to 64 bytes
write/erase operation
32 bytes security area (OTP)
Fast personalization mode 0.63 ms @15MHz
Erase + Write time < 4.0 ms @15MHz
Minimum of 500.000 write/erase cycles at
25°C
Data retention for a minimum of 10 years
EEPROM programming voltage generated on
chip
Memory Management and Protection Unit
Addressable memory up to 1 MByte
Separates OS (system mode) and
application (user mode)
System routines called by traps
OS can restrict access to peripherals in
application mode
Code execution from XRAM possible
Security Features
Operation state monitoring mechanism
Low and high voltage sensors
Frequency sensors and filters
Light Sensor
Glitch Sensor
Temperature Sensor
Life Test Function for Sensors


유사한 부품 번호 - SLE66CX322PC

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLE66CX320P INFINEON-SLE66CX320P Datasheet
39Kb / 9P
   Security & Chip Card ICs
Version 08.01
SLE66CX320P-F7C INFINEON-SLE66CX320P-F7C Datasheet
39Kb / 9P
   Security & Chip Card ICs
Version 08.01
SLE66CX320P-F7M4 INFINEON-SLE66CX320P-F7M4 Datasheet
39Kb / 9P
   Security & Chip Card ICs
Version 08.01
SLE66CX320P-T85C INFINEON-SLE66CX320P-T85C Datasheet
39Kb / 9P
   Security & Chip Card ICs
Version 08.01
SLE66CX320P-T85M4 INFINEON-SLE66CX320P-T85M4 Datasheet
39Kb / 9P
   Security & Chip Card ICs
Version 08.01
More results

유사한 설명 - SLE66CX322PC

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com