전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLE66CX642PM5 데이터시트(PDF) 8 Page - Infineon Technologies AG

부품명 SLE66CX642PM5
상세설명  Security & Chip Card ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX642PM5 데이터시트(HTML) 8 Page - Infineon Technologies AG

  SLE66CX642PM5 Datasheet HTML 1Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 2Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 3Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 4Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 5Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 6Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 7Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 8Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SLE 66CX642P
Short Product Information
8 / 11
11.02
General Description
SLE 66CX642P is a member of Infineon Technologies high end security controller family in
advanced 0.22 µm CMOS technology. The CPU provides the high efficiency of the SAB 8051
instruction set extended by additional powerful instructions together with enhanced performance,
memory sizes and security features. The internal clock frequency can be adjusted up to 15 MHz
independent of the clock rate of the terminal with the help of the PLL.
The controller IC offers 206 Kbytes of User-ROM, 256 byte internal RAM, 4096 byte XRAM and 64
Kbytes Superslim-EEPROM. The Memory Management and Protection Unit allows a secure
separation of the operating system and the applications. Furthermore the MMU makes a secure
downloading of applications possible after the personalization of a card. These new features suit
the requirements of the next generation of multi application operating systems. For code
compatibility to the SLE 66CxxS family, a transparent mode for the MMU is established which
allows to keep the memory mapping of the SLE 66CxxS products.
Advanced
Crypto Engine
DES-EC2
Accelerator
EEPROM
64 Kbyte
XRAM
4 Kbyte
ROM
200 Kbyte
16-Bit CPU with
MMU
&
ECO 2000
Instruction Set
Voltage
Clock
Reset
Sleep Mode Logic
Sensors/Filters
Voltage Regulator
Address-/Data Bus
two
16-bit
Timer
Interrupt
CRC
Random
Number
Generator
UART
PLL
Figure 2: Block Diagram SLE 66CX642P
The CRC module allows the easy generation of checksums according to ISO/IEC 3309 (16-Bit-
CRC). To minimize the overall power consumption, the chip card controller IC offers a sleep mode.
The UART supports the half-duplex transmission protocols T=0 and T=1 according to ISO/IEC
7816-3. All relevant transmission parameters can be adjusted by software, as e.g. the clock
division factor, direct/inverse convention and the number of stop bits. Additionally, the I/O port can
be driven by communication routines realized in software.
The Advanced Crypto Engine is equipped with its own RAM of 700 bytes and supports all of today
known public-key algorithms based on large integer modular arithmetic. It allows fast and efficient
calculation of e.g. RSA operations with key lengths up to 2048 bit.
The DDES-EC2 accelerator consists of two modules. The DES module supports symmetrical
crypto algorithms according to the Data Encryption Standard in the Electronic Code Book Mode.
The EC2 module accelerates the multiplication in GF(2
n) and therefore the operations for elliptic
curve cryptography.
The random number generator (RNG) is able to supply the CPU with true random numbers on all
conditions.
As an important feature, the chip provides a new and enhanced level of on-chip security, which
fulfills the strong security requirements of a Common Criteria evaluation at an EAL5 level.
ROM
208 Kbyte


유사한 부품 번호 - SLE66CX642PM5

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLE66CX640P INFINEON-SLE66CX640P Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX640P-F7C INFINEON-SLE66CX640P-F7C Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX640P-F7M5 INFINEON-SLE66CX640P-F7M5 Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX640P-T85C INFINEON-SLE66CX640P-T85C Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX640P-T85M5 INFINEON-SLE66CX640P-T85M5 Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
More results

유사한 설명 - SLE66CX642PM5

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com