전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLE66CX640P-T85C 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 SLE66CX640P-T85C
상세설명  Security & Chip Card ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX640P-T85C 데이터시트(HTML) 4 Page - Infineon Technologies AG

  SLE66CX640P-T85C Datasheet HTML 1Page - Infineon Technologies AG SLE66CX640P-T85C Datasheet HTML 2Page - Infineon Technologies AG SLE66CX640P-T85C Datasheet HTML 3Page - Infineon Technologies AG SLE66CX640P-T85C Datasheet HTML 4Page - Infineon Technologies AG SLE66CX640P-T85C Datasheet HTML 5Page - Infineon Technologies AG SLE66CX640P-T85C Datasheet HTML 6Page - Infineon Technologies AG SLE66CX640P-T85C Datasheet HTML 7Page - Infineon Technologies AG SLE66CX640P-T85C Datasheet HTML 8Page - Infineon Technologies AG SLE66CX640P-T85C Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SLE 66CX640P
Short Product Information
4 / 9
08.01
Current consumption
< 10mA @ 5.5 V
< 6 mA @ 3.3 V
Temperature range: -25 to +85°C
Testmode
Irreversible Lock - Out of testmode
Anti Snooping
HW-countermeasures against SPA/DPA-,
Timing- and DFA-attacks (differential fault
analysis – DFA)
CRC – Module
Non standard dedicated Smart Card CPU
– Core
Active Shield with automatic and user
controlled attack detection
Support
HW-& SW-Tools (Emulator, ROM Monitor,
Card Emulator, Simulator, Softmasking)
Application notes
Supported Standards
ISO/IEC 7816
EMV 2000
GSM 11.1x
ETS I TS 102 221
Document References
Confidential Data Book SLE 66CxxxP
Qualification report
Chip delivery specification for wafer with
chip-layout (die size, orientation,...)
Module specification containing description
of package, etc.
Qualification report module
Development Tools Overview
Short
Product
Information
Software
Development Kit SDK CC
Short Product Information Card Emulator
CE66P
Short Product Information ROM Monitor
RM66P
Short Product Information Emulator ET66P
Hitex or ET66P KSC
Short Product Information Smart Mask
Package


유사한 부품 번호 - SLE66CX640P-T85C

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLE66CX642P INFINEON-SLE66CX642P Datasheet
40Kb / 9P
   Security & Chip Card ICs
2002.11
SLE66CX642PC INFINEON-SLE66CX642PC Datasheet
40Kb / 9P
   Security & Chip Card ICs
2002.11
SLE66CX642PM5 INFINEON-SLE66CX642PM5 Datasheet
40Kb / 9P
   Security & Chip Card ICs
2002.11
More results

유사한 설명 - SLE66CX640P-T85C

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com