전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBT3904U 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 SMBT3904U
상세설명  NPN Silicon Switching Transistor Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3904U 데이터시트(HTML) 6 Page - Infineon Technologies AG

  SMBT3904U Datasheet HTML 1Page - Infineon Technologies AG SMBT3904U Datasheet HTML 2Page - Infineon Technologies AG SMBT3904U Datasheet HTML 3Page - Infineon Technologies AG SMBT3904U Datasheet HTML 4Page - Infineon Technologies AG SMBT3904U Datasheet HTML 5Page - Infineon Technologies AG SMBT3904U Datasheet HTML 6Page - Infineon Technologies AG SMBT3904U Datasheet HTML 7Page - Infineon Technologies AG SMBT3904U Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SMBT3904U
Nov-30-2001
6
Saturation voltage IC = f (VBEsat, VCEsat)
hFE = 10
EHP00756
2
0
V
BE sat
C
10
1
10
0
5
Ι
V
mA
0.2
0.4
0.6
0.8
1.0
1.2
CE sat
V
,
5
10
2
V BE
VCE
DC current gain hFE = f (IC)
VCE = 10V, normalized
EHP00765
10
10
mA
h
C
5
FE
10
1
0
10
-1
5
10
10
10
-1
0
1
2
Ι
125 C
25 C
-55 C
55
2
Short-circuit forward current
transfer ratio h21e = f(IC)
VCE = 10V, f = 1MHz
EHP00759
10
10
mA
h
C
5
21e
10
3
2
10
1
5
10
10
-1
0
1
Ι
5
Open-circuit output admittance
h22e = f (IC)
VCE = 10V, f = 1MHz
EHP00760
10
10
mA
h
C
5
22e
10
2
1
10
0
5
10
10
-1
0
1
Ι
5
s
µ


유사한 부품 번호 - SMBT3904U

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SMBT3904U INFINEON-SMBT3904U Datasheet
146Kb / 13P
   NPN Silicon Switching Transistors
2007-09-20
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
217Kb / 7P
   NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
108Kb / 9P
   NPN / PNP Silicon Switching Transistor Array Low collector-emitter saturation voltage
2007-03-28
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
853Kb / 9P
   NPN / PNP Silicon Switching Transistor Array
2012-08-21
More results

유사한 설명 - SMBT3904U

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
SMBT3904S SIEMENS-SMBT3904S Datasheet
79Kb / 8P
   NPN Silicon Switching Transistor Array
logo
Infineon Technologies A...
SMBT3904S INFINEON-SMBT3904S Datasheet
76Kb / 8P
   NPN Silicon Switching Transistor Array
Nov-30-2001
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
217Kb / 7P
   NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904PN INFINEON-SMBT3904PN Datasheet
217Kb / 7P
   NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904PN INFINEON-SMBT3904PN_12 Datasheet
853Kb / 9P
   NPN / PNP Silicon Switching Transistor Array
2012-08-21
BC817U INFINEON-BC817U Datasheet
45Kb / 4P
   NPN Silicon Transistor Array
Nov-29-2001
logo
NEC
UPA1452 NEC-UPA1452 Datasheet
156Kb / 4P
   NPN SILICON EPITAXIAL POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING
logo
Infineon Technologies A...
SMBT3906U INFINEON-SMBT3906U Datasheet
77Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
logo
Siemens Semiconductor G...
SMBT3906S SIEMENS-SMBT3906S Datasheet
68Kb / 8P
   PNP Silicon Switching Transistor Array
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com