전자부품 데이터시트 검색엔진 |
|
IRFP064N 데이터시트(PDF) 8 Page - Kersemi Electronic Co., Ltd. |
|
IRFP064N 데이터시트(HTML) 8 Page - Kersemi Electronic Co., Ltd. |
8 / 8 page PAR T NU M BER INTE RN A TIO N AL R E C TIF IE R L OG O E X AM PL E : T H IS I S A N IR F1 010 W IT H ASSEMBL Y L OT CO D E 9 B1 M ASSEMBLY LOT C OD E DA TE CODE (Y YW W ) YY = YEAR WW = WEE K 9246 IRF 10 10 9B 1 M A Part Marking Information TO-247AC Package Outline TO-247AC Outline Dimensions are shown in millimeters (inches) LEAD AS SIGN MENT S NOT ES : - D - 5.30 ( .209) 4.70 ( .185) 2.50 ( .089) 1.50 ( .059) 4 3X 0.80 (. 031) 0.40 (. 016) 2.60 ( .102) 2.20 ( .087) 3.40 ( .133) 3.00 ( .118) 3X 0.25 ( .010) M CA S 4.30 ( .170) 3.70 ( .145) - C - 2X 5. 50 ( .2 17 ) 4. 50 ( .1 77 ) 5.50 ( .217) 0.25 ( .010) 1.40 ( .056) 1.00 ( .039) 3.65 ( .143) 3.55 ( .140) D MM B - A - 15.90 ( .626) 15.30 ( .602) - B - 123 20.30 ( .800) 19.70 ( .775) 14.80 ( .583) 14.20 ( .559) 2.40 ( .094) 2.00 ( .079) 2X 2X 5.45 ( .215) 1 DIME NSIO NING & TO LERAN CING PE R AN SI Y 14.5M, 1982. 2 CO NTRO LLING DIMENS IO N : IN CH . 3 CO NF ORM S T O JEDE C O UTLINE T O-247-A C. 1 - G ATE 2 - DRAIN 3 - SO URCE 4 - DRAIN IN TER N AT IO N AL RECT IF IER L O G O ASSEM BL Y L O T C O D E E XAM P LE : T H IS IS A N IR FP E3 0 W IT H AS SE MB L Y L O T C O D E 3 A1 Q PAR T N U M BER DA TE C O DE (Y YW W ) YY = YE A R WW WEE K 3A1Q 9302 IR F PE 3 0 A IRFP064N 2014-8-14 8 www.kersemi.com |
유사한 부품 번호 - IRFP064N |
|
유사한 설명 - IRFP064N |