전자부품 데이터시트 검색엔진 |
|
IRFP4468PBF 데이터시트(PDF) 1 Page - Kersemi Electronic Co., Ltd. |
|
IRFP4468PBF 데이터시트(HTML) 1 Page - Kersemi Electronic Co., Ltd. |
1 / 8 page Benefits l Improved Gate, Avalanche and Dynamic dV/dt Ruggedness l Fully Characterized Capacitance and Avalanche SOA l Enhanced body diode dV/dt and dI/dt Capability l Lead-Free Applications l High Efficiency Synchronous Rectification in SMPS l Uninterruptible Power Supply l High Speed Power Switching l Hard Switched and High Frequency Circuits S D G TO-247AC IRFP4468PBF VDSS 100V RDS(on) typ. 2.0m: max. 2.6m: ID (Silicon Limited) 290A c ID (Package Limited) 195A Absolute Maximum Ratings Symbol Parameter Units ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited) ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (Silicon Limited) ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Wire Bond Limited) IDM Pulsed Drain Current d PD @TC = 25°C Maximum Power Dissipation W Linear Derating Factor W/°C VGS Gate-to-Source Voltage V dv/dt Peak Diode Recovery f V/ns TJ Operating Junction and TSTG Storage Temperature Range Soldering Temperature, for 10 seconds (1.6mm from case) Mounting torque, 6-32 or M3 screw Avalanche Characteristics EAS (Thermally limited) Single Pulse Avalanche Energy e mJ IAR Avalanche Current d A EAR Repetitive Avalanche Energy g mJ Thermal Resistance Symbol Parameter Typ. Max. Units RθJC Junction-to-Case k ––– 0.29 RθCS Case-to-Sink, Flat Greased Surface 0.24 ––– °C/W RθJA Junction-to-Ambient jk ––– 40 A °C 300 740 See Fig. 14, 15, 22a, 22b, 520 10 Max. 290 c 200 1120 195 -55 to + 175 ± 20 3.4 10lb xin (1.1Nxm) 2014-8-14 1 www.kersemi.com |
유사한 부품 번호 - IRFP4468PBF |
|
유사한 설명 - IRFP4468PBF |