전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC2040 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPIC2040
상세설명  Serial I/F Controlled 7-Channel Motor-Driver
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2040 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPIC2040 Datasheet HTML 4Page - Texas Instruments TPIC2040 Datasheet HTML 5Page - Texas Instruments TPIC2040 Datasheet HTML 6Page - Texas Instruments TPIC2040 Datasheet HTML 7Page - Texas Instruments TPIC2040 Datasheet HTML 8Page - Texas Instruments TPIC2040 Datasheet HTML 9Page - Texas Instruments TPIC2040 Datasheet HTML 10Page - Texas Instruments TPIC2040 Datasheet HTML 11Page - Texas Instruments TPIC2040 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
TPIC2040
SLIS172 – DECEMBER 2015
www.ti.com
Electrical Characteristics – Charge Pump (continued)
over recommended operating free-air temperature range (P5V
≈ 4.5 to 5.5 V, TA ≈ –20℃ to 75℃, unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ccp1 = Ccp3 = 0.1 µF
VCHGP
Output voltage
7.76
9.7
11.64
V
IO = –1 mA
7.7 Electrical Characteristics – LDO Pre Driver Part
over recommended operating free-air temperature range (P5V
≈ 4.5 to 5.5 V, TA ≈ –20℃ to 75℃, unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LINFB_Vth LINFB threshold voltage
1.175
1.215
1.255
V
7.8 Electrical Characteristics – Spindle Motor Driver Part
over recommended operating free-air temperature range (P5V
≈ 4.5 to 5.5 V, TA ≈ –20℃ to 75℃, unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total output resistance
RttlSPM
IOUT = 0.5 A
0.37
0.7
Ω
High side + low side(1)
ResSPM
Resolution
12
bit
GnSPM
Gain
Magnification to 1.0 input
5.2
6.0
6.8
times
Forward
12h
52h
92h
WidDZSPM
Spindle dead band
Reverse
–92h
–52h
–12h
WidDZSPMLS
Spindle dead band (LS mode)
–40h
0h
40h
SPM_RCOM_SEL = 00
801
890
979
mA
SPM_RCOM_SEL = 01
882
980
1078
mA
SPMClim
Current limit
SPM_RCOM_SEL = 10
652
725
798
mA
SPM_RCOM_SEL = 11
705
784
863
mA
(1)
IncldRcs
7.9 Electrical Characteristics – Sled Motor Driver Part
over recommended operating free-air temperature range (P5V
≈ 4.5 to 5.5 V, TA ≈ –20℃ to 75℃, unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total output resistance
RttlSLD
IO = 0.5 A
0.9
1.3
Ω
High side + low side
ResSLD
Resolution
10
bit
Forward
2h
1Fh
60h
WidDZSLD
Input dead band
Reverse
–60h
–1Fh
–2h
P5V = 5 V
GnSLD
Sled current gain
RL = 10 Ω, 2.2 mH
380
440
500
mA
VSLED = 7FFh
SLEDENDTH<2:0> = 000
26
46
66
mV
SLEDENDTH<2:0> = 010
42
82
122
mV
SLEDENDTH<2:0> = 011
9
22
35
mV
END_DET BEMF threshold
VthEdetSLD
voltage
SLEDENDTH<2:0> = 100
65
125
185
mV
SLEDENDTH<2:0> = 101
55
105
155
mV
SLEDENDTH<2:0> = 111
70
145
220
mV
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPIC2040


유사한 부품 번호 - TPIC2040

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2010RDFDRG4 TI1-TPIC2010RDFDRG4 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2030DBTRG4 TI1-TPIC2030DBTRG4 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
More results

유사한 설명 - TPIC2040

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2060A TI1-TPIC2060A Datasheet
1Mb / 65P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor Driver for ODD
logo
Toshiba Semiconductor
TB67S145FTG TOSHIBA-TB67S145FTG Datasheet
1Mb / 28P
   Serial controlled unipolar stepping motor driver
TB67S105FTG TOSHIBA-TB67S105FTG Datasheet
1Mb / 30P
   8bit Serial controlled bipolar stepping motor driver
TB67S103AFTG TOSHIBA-TB67S103AFTG Datasheet
1Mb / 39P
   Serial-in controlled Bipolar Stepping Motor Driver
TB67S128FTG TOSHIBA-TB67S128FTG Datasheet
1Mb / 47P
   CLOCK-in and Serial controlled Bipolar Stepping Motor Driver
TC78H670FTG TOSHIBA-TC78H670FTG Datasheet
1Mb / 42P
   Clock-in and Serial controlled Bipolar Stepping Motor Driver
2021-02-09
logo
Fairchild Semiconductor
FAN8037 FAIRCHILD-FAN8037 Datasheet
385Kb / 23P
   7-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com