전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS6081 데이터시트(PDF) 1 Page - Semtech Corporation

부품명 GS6081
상세설명  high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6081 데이터시트(HTML) 1 Page - Semtech Corporation

  GS6081 Datasheet HTML 1Page - Semtech Corporation GS6081 Datasheet HTML 2Page - Semtech Corporation GS6081 Datasheet HTML 3Page - Semtech Corporation GS6081 Datasheet HTML 4Page - Semtech Corporation GS6081 Datasheet HTML 5Page - Semtech Corporation GS6081 Datasheet HTML 6Page - Semtech Corporation GS6081 Datasheet HTML 7Page - Semtech Corporation GS6081 Datasheet HTML 8Page - Semtech Corporation GS6081 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Gennum Products
GS6081
1 of 19
GS6081
Final Data Sheet
Rev.4
PDS-060046
July 2014
www.semtech.com
Features
Supports data rates from 270Mb/s to 5.94Gb/s
SMPTE ST 424, SMPTE ST 292 and SMPTE ST 259
compliant
Supports DVB-ASI at 270Mb/s
Wide common-mode range input buffer
100mV sensitivity
supports DC-coupling to industry-standard
differential logic
on-chip 100
Ω differential data input termination
Input signal trace equalization
Dual differential coaxial-cable-driving outputs
selectable slew rates
adjustable output swing from 500mVpp to
1040mVpp
independent disable controls for each output
Robust signal presence function
Excellent output eye quality
Power supply operation at +3.3V or +2.5V
135mW power consumption (+2.5V supply)
Operating temperature range: -40°C to +85°C
Small footprint QFN package (4mm x 4mm)
new dual-output pin out
use the GS6080 for a single-output variant that is
drop-in compatible to the GS2988
Pb-free and RoHS compliant
Applications
6G UHD-SDI, SMPTE ST 424, SMPTE ST 292 and
SMPTE ST 259 coaxial cable serial digital interfaces
Description
The GS6081 is a high-speed BiCMOS integrated circuit
designed to drive one to four 75
Ω coaxial cables.
The GS6081 may drive data rates up to 5.94Gb/s and
provides two selectable slew rates in order to achieve
compliance to SMPTE ST 424, SMPTE ST 292 and
SMPTE ST 259.
The GS6081 accepts industry-standard differential input
levels including LVPECL and CML.
Input trace equalization compensates for up to 10 inches of
FR4 trace loss while in HD, 3G and UHD modes. This feature
is enabled and disabled using the EQ_EN pin.
The DISABLE1 and DISABLE2 pins power-down the first and
second output drivers respectively, leaving the serial data
outputs in a high-impedance state. When applied
simultaneously, the entire device is powered-down.
The GS6081 features adjustable output swing using an
external bias resistor. The single-ended output swing is
adjustable from 500mVpp to 1040mVpp.
An output signal presence function, the SP pin, indicates
whether an active signal is present at the output of the
GS6081.
The GS6081 can be powered from either a +3.3V or a +2.5V
supply. Power consumption is typically 135mW using a
+2.5V power supply with one output enabled.
The GS6081 is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.


유사한 부품 번호 - GS6081

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS6080 SEMTECH-GS6080 Datasheet
716Kb / 19P
   Input signal trace equalization
GS6080-INE3 SEMTECH-GS6080-INE3 Datasheet
716Kb / 19P
   Input signal trace equalization
GS6080-INTE3 SEMTECH-GS6080-INTE3 Datasheet
716Kb / 19P
   Input signal trace equalization
More results

유사한 설명 - GS6081

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PC2807 RENESAS-PC2807_15 Datasheet
183Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
UPC1934 RENESAS-UPC1934 Datasheet
360Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
UPD3140GS RENESAS-UPD3140GS Datasheet
507Kb / 20P
   BiCMOS INTEGRATED CIRCUIT
1996
UPC2807 RENESAS-UPC2807 Datasheet
183Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2000
UPC2918 RENESAS-UPC2918 Datasheet
403Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2002
UPC2807H RENESAS-UPC2807H Datasheet
210Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2002
UPC1933 RENESAS-UPC1933 Datasheet
341Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
UPC1935 RENESAS-UPC1935 Datasheet
352Kb / 30P
   BiCMOS INTEGRATED CIRCUIT
1998
UPD5740T6N RENESAS-UPD5740T6N Datasheet
403Kb / 22P
   SiGe BiCMOS INTEGRATED CIRCUIT
2009
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
logo
Renesas Technology Corp
UPC3250T7L RENESAS-UPC3250T7L Datasheet
303Kb / 18P
   SiGe CMOS/BiCMOS Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com