전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS6151-INTE3 데이터시트(PDF) 6 Page - Semtech Corporation

부품명 GS6151-INTE3
상세설명  Multi-Rate 6G UHD-SDI
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151-INTE3 데이터시트(HTML) 6 Page - Semtech Corporation

Back Button GS6151-INTE3 Datasheet HTML 2Page - Semtech Corporation GS6151-INTE3 Datasheet HTML 3Page - Semtech Corporation GS6151-INTE3 Datasheet HTML 4Page - Semtech Corporation GS6151-INTE3 Datasheet HTML 5Page - Semtech Corporation GS6151-INTE3 Datasheet HTML 6Page - Semtech Corporation GS6151-INTE3 Datasheet HTML 7Page - Semtech Corporation GS6151-INTE3 Datasheet HTML 8Page - Semtech Corporation GS6151-INTE3 Datasheet HTML 9Page - Semtech Corporation GS6151-INTE3 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
6 of 77
Semtech
Proprietary & Confidential
www.semtech.com
1.2 Pin Descriptions
Table 1-1: GS6151 Pin Descriptions
Pin Number
Name
Type
Description
1, 2
DDI0, DDI0
Input
Serial Digital Differential Input 0.
3
GND
Power
Input channel isolation. Connect to ground or leave unconnected.
4, 5
DDI1, DDI1
Input
Serial Digital Differential Input 1.
6GPIO0
Digital
Input/Output
Multi-function Control/Status Input/Output 0.
Signal options are:
LOS (output; default)
LOCKED
LBR_HBR
RATE_DET0
RATE_DET1
RATE_DET2
LOCKED_270M
LOCKED_1G485
LOCKED_2G97
LOCKED_5G94
RATE_CHANGE
DDO0_DISABLE
DDO1_DISABLE
This pin is configured using the GPIO0_SELECT and
GPIO0_IO_SELECT bits in the GPIO_CONTROL_REG_0 register.
7GPIO1
Digital
Input/Output
Multi-function Control/Status Input/Output 1.
Signal options are:
LOS
LOCKED (output; default)
LBR_HBR
RATE_DET0
RATE_DET1
RATE_DET2
LOCKED_270M
LOCKED_1G485
LOCKED_2G97
LOCKED_5G94
RATE_CHANGE
DDO0_DISABLE
DDO1_DISABLE
This pin is configured using the GPIO1_SELECT and
GPIO1_IO_SELECT bits in the GPIO_CONTROL_REG_0 register.
8
DDI_SEL/STROBE
Digital Input
Input selection control.
Used to select the high-speed input for processing through the
device. Refer to Table 4-2 for details on input selection.
9
XTAL_CLK_IN
Input
Reference Crystal Pin/27MHz clock input. Connect to an external
circuit as shown in Figure 6-1: GS6151 Typical Application Circuit or
to a digital clock source (XTAL_BUF_OUT of another GS6150, GS6151,
GS6152, or a 27MHz clock output from another device). Connect to
ground if operating referenceless.


유사한 부품 번호 - GS6151-INTE3

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS6150 GENNUM-GS6150 Datasheet
1Mb / 64P
   Automatic or Manual Rate Selection
logo
Semtech Corporation
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INE3 SEMTECH-GS6150-INE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3 SEMTECH-GS6150-INTE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3Z SEMTECH-GS6150-INTE3Z Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results

유사한 설명 - GS6151-INTE3

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS6152 SEMTECH-GS6152 Datasheet
2Mb / 80P
   Multi-Rate 6G UHD-SDI
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com