전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS6152-INE3 데이터시트(PDF) 9 Page - Semtech Corporation

부품명 GS6152-INE3
상세설명  Multi-Rate 6G UHD-SDI
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6152-INE3 데이터시트(HTML) 9 Page - Semtech Corporation

Back Button GS6152-INE3 Datasheet HTML 5Page - Semtech Corporation GS6152-INE3 Datasheet HTML 6Page - Semtech Corporation GS6152-INE3 Datasheet HTML 7Page - Semtech Corporation GS6152-INE3 Datasheet HTML 8Page - Semtech Corporation GS6152-INE3 Datasheet HTML 9Page - Semtech Corporation GS6152-INE3 Datasheet HTML 10Page - Semtech Corporation GS6152-INE3 Datasheet HTML 11Page - Semtech Corporation GS6152-INE3 Datasheet HTML 12Page - Semtech Corporation GS6152-INE3 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
GS6152
Final Data Sheet
Rev.2
PDS-060984
July 2015
9 of 80
Semtech
Proprietary & Confidential
www.semtech.com
2.2 DC Electrical Characteristics
Table 2-2: DC Electrical Characteristics
VCC_CORE, VDD_DIG = +1.8V ± 5%, TA= –40ºC to +85ºC unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage – Core
(VCC_CORE, VDD_DIG)
VCC_CORE,
VDD_DIG
1.710
1.8
1.890
V
Supply Voltage – Output
Driver (VCC_DDO0,
VCC_DDO1)
VCC_DDO0,
VCC_DDO1
1.140
2.625
V
Power
PD
Data Rate 6G,
DDO1/DDO1 disabled
140
185
mW
1, 2
Data Rate <6G,
DDO1/DDO1 disabled
130
170
mW
1, 2
Data Rate 6G,
Default Settings,
DDO1/DDO1 enabled
210
280
mW
3, 4
Data Rate <6G,
Default Settings,
DDO1/DDO1 enabled
190
255
mW
3, 4
Maximum Supply and Power
Settings with Diagnostic
Features Off
280
360
mW
5
Maximum Supply and Power
Settings with Diagnostic
Features On
575
630
mW
5
Power (Sleep operation)
PSLEEP
20
35
mW
Power (Standby
operation)
PSTANDBY
80
110
mW
Supply Current - Output
Driver
ICC_DDO0,
ICC_DDO1
Output Swing Register
Setting = 0000b
—4.8
7
mA
6, 7
Output Swing Register
Setting= 0100b
—7.5
12
mA
6, 7
Output Swing Register
Setting = 1100b
—15
22
mA
6, 7


유사한 부품 번호 - GS6152-INE3

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS6150 GENNUM-GS6150 Datasheet
1Mb / 64P
   Automatic or Manual Rate Selection
logo
Semtech Corporation
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INE3 SEMTECH-GS6150-INE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3 SEMTECH-GS6150-INTE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3Z SEMTECH-GS6150-INTE3Z Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results

유사한 설명 - GS6152-INE3

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS6151 SEMTECH-GS6151 Datasheet
2Mb / 77P
   Multi-Rate 6G UHD-SDI
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com