전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI80N03S2L-04 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 SPI80N03S2L-04
상세설명  OptiMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI80N03S2L-04 데이터시트(HTML) 5 Page - Infineon Technologies AG

  SPI80N03S2L-04 Datasheet HTML 1Page - Infineon Technologies AG SPI80N03S2L-04 Datasheet HTML 2Page - Infineon Technologies AG SPI80N03S2L-04 Datasheet HTML 3Page - Infineon Technologies AG SPI80N03S2L-04 Datasheet HTML 4Page - Infineon Technologies AG SPI80N03S2L-04 Datasheet HTML 5Page - Infineon Technologies AG SPI80N03S2L-04 Datasheet HTML 6Page - Infineon Technologies AG SPI80N03S2L-04 Datasheet HTML 7Page - Infineon Technologies AG SPI80N03S2L-04 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2003-05-09
Page 5
SPI80N03S2L-04
SPP80N03S2L-04,SPB80N03S2L-04
5 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 80 µs
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
V
DS
0
20
40
60
80
100
120
140
160
A
190
SPP80N03S2L-04
VGS [V]
a
a
2.5
b
b
2.8
c
c
3.0
d
d
3.3
e
e
3.5
f
f
3.8
g
g
4.0
h
h
4.3
i
i
4.5
j
Ptot = 188W
j
10.0
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: VGS
0
20
40
60
80
100
A
140
I
D
0
1
2
3
4
5
6
7
8
9
10
11
12
14
SPP80N03S2L-04
VGS [V] =
e
e
3.5
f
f
3.8
g
g
4.0
h
h
4.3
i
i
4.5
j
j
10.0
7 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 80 µs
0
0.5
1
1.5
2
2.5
3
3.5
V
4.5
VGS
0
20
40
60
80
100
120
A
160
8 Typ. forward transconductance
gfs = f(ID); Tj=25°C
parameter: gfs
0
20
40
60
80
100 120 140 160
A 200
ID
0
5
10
15
20
25
S
35


유사한 부품 번호 - SPI80N03S2L-04

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPI80N03S2L-03 INFINEON-SPI80N03S2L-03 Datasheet
415Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-05 INFINEON-SPI80N03S2L-05 Datasheet
413Kb / 8P
   OptiMOS Power-Transistor
2003-04-24
SPI80N03S2L-06 INFINEON-SPI80N03S2L-06 Datasheet
415Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
More results

유사한 설명 - SPI80N03S2L-04

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com