전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2978 데이터시트(PDF) 6 Page - Gennum Corporation

부품명 GS2978
상세설명  Dual coaxial cable driving outputs with selectable slew rate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2978 데이터시트(HTML) 6 Page - Gennum Corporation

Back Button GS2978 Datasheet HTML 2Page - Gennum Corporation GS2978 Datasheet HTML 3Page - Gennum Corporation GS2978 Datasheet HTML 4Page - Gennum Corporation GS2978 Datasheet HTML 5Page - Gennum Corporation GS2978 Datasheet HTML 6Page - Gennum Corporation GS2978 Datasheet HTML 7Page - Gennum Corporation GS2978 Datasheet HTML 8Page - Gennum Corporation GS2978 Datasheet HTML 9Page - Gennum Corporation GS2978 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
GS2978
HD-LINX® III Multi-Rate Dual Slew-Rate Cable Driver
Data Sheet
37186 - 7
March 2009
6 of 15
2.3 AC Electrical Characteristics
Input Voltage
VCMIN
Common mode
1.4 + ΔVDDI/2
VCC - ΔVDDI/2
V
SD/HD, DISABLE Input
VIH
IIH <= 10 μA2.0
V
VIL
IIL <= 10 μA–
0.8
V
Table 2-1: DC Electrical Characteristics
VCC = 3.3V ±5%; TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Table 2-2: AC Electrical Characteristics
VCC = 3.3V ±5%; TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
––
2.97
Gb/s
1
Additive jitter
2.97Gb/s
22
psp-p
–1.485Gb/s
20
psp-p
270Mb/s
16
psp-p
Rise/Fall time
tr, tf
SD/HD=0
135
ps
2
tr, tf
SD/HD=1
400
800
ps
2
Mismatch in rise/fall time
tr,
tf
––
35
ps
Duty cycle distortion
SD/HD=0, 2.97 Gb/s
27
ps
3
SD/HD=0, 1.485 Gb/s
30
ps
3
SD/HD=1
100
ps
3
Overshoot
SD/HD=0,
10
%
3
SD/HD=1
8
%
3
Output Return Loss
ORL
5 MHz – 1.485 GHz
15
20
dB
4
1.485 GHz – 2.97 GHz
10
12
dB
4
Output Voltage Swing
VOUT
RSET = 750Ω
750
800
850
mVp-p
3
Input Voltage Swing
VDDI
Differential
100
2200
mVp-p
NOTES:
1. The input coupling capacitor must be set accordingly for lower data rates.
2. Rise/Fall time measured between 20% and 80%.
3. Single Ended into 75
Ω external load.
4. ORL depends on board design. The GS2978 achieves this specification on Gennum's evaluation boards.


유사한 부품 번호 - GS2978

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
GS2978-CNE3 SEMTECH-GS2978-CNE3 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
GS2978-CNTE3Z SEMTECH-GS2978-CNTE3Z Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
GS2978-CTE3 SEMTECH-GS2978-CTE3 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
More results

유사한 설명 - GS2978

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Texas Instruments
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com