전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2989-INTE3 데이터시트(PDF) 7 Page - Gennum Corporation

부품명 GS2989-INTE3
상세설명  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2989-INTE3 데이터시트(HTML) 7 Page - Gennum Corporation

Back Button GS2989-INTE3 Datasheet HTML 3Page - Gennum Corporation GS2989-INTE3 Datasheet HTML 4Page - Gennum Corporation GS2989-INTE3 Datasheet HTML 5Page - Gennum Corporation GS2989-INTE3 Datasheet HTML 6Page - Gennum Corporation GS2989-INTE3 Datasheet HTML 7Page - Gennum Corporation GS2989-INTE3 Datasheet HTML 8Page - Gennum Corporation GS2989-INTE3 Datasheet HTML 9Page - Gennum Corporation GS2989-INTE3 Datasheet HTML 10Page - Gennum Corporation GS2989-INTE3 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
GS2989 Dual-Slew-Rate, Dual-Output Cable Driver
with 3Gb/s Capability
Data Sheet
52133 - 4
December 2010
7 of 19
2.3 AC Electrical Characteristics
Supply Current
IS
1 channel, VCC = 3.3V
47
53
mA
1
1 channel, VCC = 2.5V
44
50
mA
1
2 channels, VCC = 3.3V
76
87
mA
1
2 channels, VCC = 2.5V
72
82
mA
1
Power-down
1
1.8
mA
1
Output Voltage
VCMOUT
Common mode
VTERM - VOUT
–V
Input Voltage
VCMIN
Common mode
1.4 + ΔVDDI/2
VCC - ΔVDDI/2
V
SD/HD, DISABLE,
EQ_EN Input
VIH
IIH <= 150μA1.7
V
VIL
IIL <= 150μA–
0.8
V
OSP Drive Strength
2
mA
NOTES:
1. Power consumed in GS2989 only. Termination resistors draw extra current with output swing = 800mV.
Table 2-1: DC Electrical Characteristics
VCC = 3.3V ±5% or 2.5V ±5%; TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Table 2-2: AC Electrical Characteristics
VCC = 3.3V ±5% or 2.5V ±5%; TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
–.27
2.97
Gb/s
1
Additive jitter
2.97Gb/s
10
psp-p
2
1.485Gb/s
10
psp-p
2
270Mb/s
30
psp-p
2
Rise/Fall time
tr, tf
SD/HD=0
135
ps
3
tr, tf
SD/HD=1
400
800
ps
3
Mismatch in rise/fall time
tr,
tf
HD/3G modes only
35
ps
Duty cycle distortion
SD/HD=0, 2.97Gb/s
14
ps
4, 5
SD/HD=0, 1.485Gb/s
20
ps
4, 5
SD/HD=1
50
ps
4, 5
Overshoot
SD/HD=0,
10
%
4


유사한 부품 번호 - GS2989-INTE3

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2989-INTE3 SEMTECH-GS2989-INTE3 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
GS2989-INTE3Z SEMTECH-GS2989-INTE3Z Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
More results

유사한 설명 - GS2989-INTE3

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com