전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2989-INTE3Z 데이터시트(PDF) 11 Page - Gennum Corporation

부품명 GS2989-INTE3Z
상세설명  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2989-INTE3Z 데이터시트(HTML) 11 Page - Gennum Corporation

Back Button GS2989-INTE3Z Datasheet HTML 7Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 8Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 9Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 10Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 11Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 12Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 13Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 14Page - Gennum Corporation GS2989-INTE3Z Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
GS2989 Dual-Slew-Rate, Dual-Output Cable Driver
with 3Gb/s Capability
Data Sheet
52133 - 4
December 2010
11 of 19
Control of the slew rate is determined by the setting of the SD/HD input pin.
4.4 Output Disable
The GS2989 supports an output disable function for each serial data differential output.
Control of this function is determined by the setting of the DISABLE1 and DISABLE2
control pins.
The serial output disables (DISABLE1 and DISABLE2), disable power to the current mode
serial data output drivers. When asserted LOW, the SDO/SDO output drivers are
powered-down.
When DISABLE1 and DISABLE2 are driven LOW simultaneously, the entire device is
powered down, and the power consumption is minimized.
4.5 Output Signal Presence Indicator (OSP)
The GS2989 supports an output signal presence indicator function.
The output signal presence pin (OSP) is an active-low output that indicates when a valid
output signal has been detected at the pre-driver output.
The output signal presence function measures signal-edge energy to indicate that the
pre-driver to the serial data outputs is toggling.
Table 4-2: Slew Rate Selection
SD/HD
Rise/Fall Time
0
SMPTE 424M & 292M compliant
1
SMPTE 259M compliant
Floating
SMPTE 259M compliant
Table 4-3: Output Disable
DISABLE1
DISABLE2
SDO1/SDO1
SDO2/SDO2
0
0 or Floating
All Chip Power Down
0
1
High-Impedance
Operational
1 or Floating
0 or Floating
Operational
High-Impedance
1 or Floating
1
Operational
Operational
Floating
Floating
Operational
High-Impedance


유사한 부품 번호 - GS2989-INTE3Z

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2989-INTE3Z SEMTECH-GS2989-INTE3Z Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
More results

유사한 설명 - GS2989-INTE3Z

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com