전자부품 데이터시트 검색엔진 |
|
TS30111-M018 데이터시트(PDF) 2 Page - Semtech Corporation |
|
TS30111-M018 데이터시트(HTML) 2 Page - Semtech Corporation |
2 / 21 page TS30111 Final Datasheet Rev 1.0 June 2, 2015 www.semtech.com 2 of 21 Semtech Pinout Pin Description Pin # Pin Name Pin Function Description 1 VSW Switching Voltage Node Connected to 3.3uH (typical) inductor 2 VCC Input Voltage Input voltage 3 VCC Input Voltage Input voltage 4 GND GND Primary ground for the majority of the device except the low-side power FET 5 FB Feedback Input Regulator FB Voltage. Connects to V OUT for fixed mode and the output resistor divider for adjustable mode 6 NC No Connect Not Connected 7 NC No Connect Not Connected 8 PG Power Good Output Open-drain output 9 EN Enable Input Above 2.2V the device is enabled. GND the pin to put device in standby mode. Includes internal pull-up 10 BST Bootstrap Capacitor Bootstrap capacitor for the high-side FET gate driver. 22nF ceramic capacitor from BST pin to VSW pin 11 VCC Input Voltage Input Voltage 12 VSW Switching Voltage Node Connected to 3.3uH (typical) inductor 13 VSW Switching Voltage Node Connected to 3.3uH (typical) inductor 14 PGND Power GND GND supply for internal low-side FET/integrated diode 15 PGND Power GND GND supply for internal low-side FET/integrated diode 16 VSW Switching Voltage Node Connected to 3.3uH (typical) inductor VCC VCC GND VSW VCC BST EN VSW TS30111 ` PIN 1 Figure 1: 16 Lead 3x3 QFN, Top View |
유사한 부품 번호 - TS30111-M018 |
|
유사한 설명 - TS30111-M018 |