전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TZY2Z010AC01 데이터시트(PDF) 6 Page - Murata Manufacturing Co., Ltd.

부품명 TZY2Z010AC01
상세설명  Ceramic Trimmer Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2Z010AC01 데이터시트(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button TZY2Z010AC01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TZY2Z010AC01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TZY2Z010AC01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZY2Z010AC01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2Z010AC01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2Z010AC01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2Z010AC01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2Z010AC01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZY2Z010AC01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Ceramic Trimmer Capacitors
TZR1 Series
0.35
1.7
0.2
(Depth;0.15)
(
Tolerance: ±0.1)
in mm
Part Number
C min. (max.)
(pF)
C max.
(pF)
TC
Q
Rated Voltage
Withstanding Voltage
TZR1Z010A001
0.55
1.0 +100/-0%
NP0±300ppm/°C
200min. at 200MHz, Cmax.
25Vdc
55Vdc
TZR1Z1R5A001
0.7
1.5 +100/-0%
NP0±300ppm/°C
200min. at 200MHz, Cmax.
25Vdc
55Vdc
TZR1Z040A001
1.5
4.0 +100/-0%
NP0±500ppm/°C
300min. at 1MHz, Cmax.
25Vdc
55Vdc
TZR1R080A001
3.0
8.0 +100/-0%
N750±500ppm/°C
300min. at 1MHz, Cmax.
25Vdc
55Vdc
Insulation Resistance: 10000M ohm
Torque: 0.1 to 1.0mNm
Operating Temperature Range: -25 to +85°C
Cover
Metal Rotor
Monolithic
Stator
c Construction
T13E.pdf
Mar.12,2015
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
c Features
1. Ultra-small and thin with external dimensions
of 1.5(W)x1.7(L)x0.85(H)mm
(80% less in volume than the current product).
2. Unique construction with no plastic material
provides superior soldering heat resistance to
maintain excellent characteristic performance
after reflow soldering.
3. Suitable for high frequency circuit due to high
self-resonant frequency (6.2GHz of TZR1Z010 at
1.0pF setting).
c Applications
1. Bluetooth
r
2. Crystal oscillators
3. Crystal filters
4. Hand radios
5. Miniature tuner packs (FM Radio, TV)
6. Remote keyless entry systems


유사한 부품 번호 - TZY2Z010AC01

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
TZY2Z010AC01B00 MURATA-TZY2Z010AC01B00 Datasheet
194Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2Z010AC01B00 MURATA1-TZY2Z010AC01B00 Datasheet
249Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
TZY2Z010AC01B00 MURATA1-TZY2Z010AC01B00_V01 Datasheet
249Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
logo
Murata Manufacturing Co...
TZY2Z010AC01R00 MURATA-TZY2Z010AC01R00 Datasheet
194Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2Z010AC01R00 MURATA1-TZY2Z010AC01R00 Datasheet
249Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
More results

유사한 설명 - TZY2Z010AC01

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com