전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1912 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 TC1912
상세설명  32-Bit Single-Chip Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1912 데이터시트(HTML) 6 Page - Infineon Technologies AG

Back Button TC1912 Datasheet HTML 2Page - Infineon Technologies AG TC1912 Datasheet HTML 3Page - Infineon Technologies AG TC1912 Datasheet HTML 4Page - Infineon Technologies AG TC1912 Datasheet HTML 5Page - Infineon Technologies AG TC1912 Datasheet HTML 6Page - Infineon Technologies AG TC1912 Datasheet HTML 7Page - Infineon Technologies AG TC1912 Datasheet HTML 8Page - Infineon Technologies AG TC1912 Datasheet HTML 9Page - Infineon Technologies AG TC1912 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
TC1912
Data Sheet
2
V 1.0, 2003-10
PRELIMINARY
Block Diagram.
Figure 1
TC1912 Device Block Diagram
Target applications
• Bluetooth gateway (host for BT stack e.g. for Handsfree with EC/NR or remote
diagnostics)
• Stand-alone speech Human Machine Interface
• Basic communication gateway
• Digital Audio processing (MP3 player, shock proof controller etc.)
3 2 -b it F le x ib le P e rip h e ra l In te rfa c e (F P I)B u s
TC1912
SRAM
16 kB
RTC
STM
SCU
TriCore
(T C 1 .3 )
CPS
DM U
24K B
DS R A M
8K B
DCA CHE
PM U
24 K B
CS RA M
8K B
IC A CHE
LFI
Bridge
SRA M
64 kB
EB U
O CDS
D ebug/
JTA G
CO DE C
(IIS)
GPTU
Port
Control
Tw in
CAN
AS C0
AS C1
AS C2
SS C
IIC
64-bit L o ca l M e m o ry B u s (L M B )


유사한 부품 번호 - TC1912

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TC1910 INFINEON-TC1910 Datasheet
2Mb / 66P
   32-Bit Single-Chip Microcontroller
V 1.0, Oct. 2003
More results

유사한 설명 - TC1912

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com