전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA21201 데이터시트(PDF) 8 Page - Infineon Technologies AG

부품명 TDA21201
상세설명  Integrated Switch(MOSFET Driver and MOSFETs)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21201 데이터시트(HTML) 8 Page - Infineon Technologies AG

Back Button TDA21201 Datasheet HTML 4Page - Infineon Technologies AG TDA21201 Datasheet HTML 5Page - Infineon Technologies AG TDA21201 Datasheet HTML 6Page - Infineon Technologies AG TDA21201 Datasheet HTML 7Page - Infineon Technologies AG TDA21201 Datasheet HTML 8Page - Infineon Technologies AG TDA21201 Datasheet HTML 9Page - Infineon Technologies AG TDA21201 Datasheet HTML 10Page - Infineon Technologies AG TDA21201 Datasheet HTML 11Page - Infineon Technologies AG TDA21201 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Preliminary Data Sheet
TDA21201
Page 8
Apr-29, 2002
frequencies will also result in more losses. So, in modifying the thermal
environment and a switching frequency the phase current can be matched
your requirements; please, consult the efficiency curves in this Data Sheet to
choose the most suitable phase current and switching frequency per phase for
a particular design. To give a circuit designer more freedom in scaling the
phase current, the Integrated Switch is offered in a heat sink capable TO-220
version that allows better thermal coupling to ambient and a higher junction
temperature in the Integrated Switch as well - without violating the applicable
regulations.
Over temperature shut-down
The over temperature shut-down function of the Integrated Switch takes effect
@ 150 °C junction temperature typically and turns off the High side MOSFET
and the Low side MOSFET. Unlike as in discrete converter solutions the
MOSFETs and the Driver are thermally very well coupled. Therefore, this
function protects the Driver and the MOSFETs. Once the Integrated Switch is
cooled down and the temperature shut-down is released the Integrated Switch
continues to operate by turning on one of the MOSFETs according to its PWM
signal present on the input.
Under Voltage Lockout /
∆ Vcc detection
The TDA21201 is fully functional at Vcc
≥ 9 V. However, the Low side
MOSFET can already be turned on at Vcc
≈ 6 V or greater when the input is
Low. The Integrated Switch is disabled and both MOSFETs are turned off at
lower Vcc, e.g. during power-up of the ATX supply.
The TDA21201 has two paralleled Vcc pins. The voltage applied to these pins
will be converted to a lower output voltage but it also serves as supply voltage
of the integrated gate drive circuit. Therefore, the voltage difference
∆ Vcc is
monitored for safety reasons. When
∆ Vcc ≥ 0.45 V for more than 2 µs
typically the Integrated Switch is disabled. This way it prevents the part itself
but it also protects the load from inadequate behavior, e.g. due to a bad
soldering connection of the Vcc pins.
Layout guidelines
In general, the layout is simplified when using the Integrated Switch. However,
it should be kept in mind that the power density in the Integrated Switch is
higher than in a discrete solution. Therefore, proper thermal layout is very
critical in designs that employ the SMD version.
Another important aspect is a very low impedance path in the Vcc = 12 V
à
TDA21201
à GND loop. It is recommended to place the capacitors of the
input filter as close to the GND and Vcc pins of the TDA21201 as possible.
Additional ceramic capacitors in parallel to the input capacitors help to reduce
the effect of stray inductance of the input capacitors and the PCB traces.
Reducing parasitic inductance will result in an optimized switching behavior
and lower switching losses. The arrangement of the output filter is of second
order importance.


유사한 부품 번호 - TDA21201

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TDA21211 INFINEON-TDA21211 Datasheet
481Kb / 20P
   High-Performance DrMOS
August - 2009
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
TDA21220 INFINEON-TDA21220_13 Datasheet
811Kb / 29P
   High-Per formance DrMOS
Revision 2.5, 2013-01-07
TDA21231 INFINEON-TDA21231 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results

유사한 설명 - TDA21201

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP5339 ONSEMI-NCP5339 Datasheet
272Kb / 13P
   Integrated Driver & MOSFETs
February, 2016 ??Rev. 1
NCP5369 ONSEMI-NCP5369_15 Datasheet
79Kb / 8P
   Integrated Driver and MOSFET
April, 2015 ??Rev. 5
NCP81381 ONSEMI-NCP81381 Datasheet
230Kb / 16P
   Integrated Driver and MOSFET
November, 2015 ??Rev. 1
NCP5369MNR2G ONSEMI-NCP5369MNR2G Datasheet
117Kb / 7P
   Integrated Driver and MOSFET
April, 2013 ??Rev. 4
NCP302055 ONSEMI-NCP302055 Datasheet
323Kb / 16P
   Integrated Driver and MOSFET
November, 2018 ??Rev. 0
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP81382 ONSEMI-NCP81382 Datasheet
255Kb / 16P
   Integrated Driver and MOSFET
February, 2016 ??Rev. 2
NCP302045 ONSEMI-NCP302045 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP302040 ONSEMI-NCP302040 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP252160 ONSEMI-NCP252160 Datasheet
881Kb / 18P
   Integrated Driver and MOSFET
July, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com