전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSB50325A 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FSB50325A
상세설명  Motion SPMR 5 Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50325A 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FSB50325A_14 Datasheet HTML 1Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 2Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 3Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 4Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 5Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 6Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 7Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 8Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2012 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FSB50325A, FSB50325AT, FSB50325AS Rev. C5
Pin descriptions
Figure 1. Pin Configuration and Internal Block Diagram (Bottom View)
1st Notes:
3. Source terminal of each low-side MOSFET is not connected to supply ground or bias voltage ground inside Motion SPM® 5 product. External connections should be made as
indicated in Figure 3.
Pin Number
Pin Name
Pin Description
1
COM
IC Common Supply Ground
2VB(U)
Bias Voltage for U-Phase High-Side MOSFET Driving
3VCC(U)
Bias Voltage for U-Phase IC and Low-Side MOSFET Driving
4IN(UH)
Signal Input for U-Phase High-Side
5IN(UL)
Signal Input for U-Phase Low-Side
6
N.C
No Connection
7VB(V)
Bias Voltage for V-Phase High Side MOSFET Driving
8VCC(V)
Bias Voltage for V-Phase IC and Low Side MOSFET Driving
9IN(VH)
Signal Input for V-Phase High-Side
10
IN(VL)
Signal Input for V-Phase Low-Side
11
VTS
Output for HVIC Temperature Sensing
12
VB(W)
Bias Voltage for W-Phase High-Side MOSFET Driving
13
VCC(W)
Bias Voltage for W-Phase IC and Low-Side MOSFET Driving
14
IN(WH)
Signal Input for W-Phase High-Side
15
IN(WL)
Signal Input for W-Phase Low-Side
16
N.C
No Connection
17
P
Positive DC-Link Input
18
U, VS(U)
Output for U-Phase & Bias Voltage Ground for High-Side MOSFET Driving
19
NU
Negative DC-Link Input for U-Phase
20
NV
Negative DC-Link Input for V-Phase
21
V, VS(V)
Output for V-Phase & Bias Voltage Ground for High-Side MOSFET Driving
22
NW
Negative DC-Link Input for W-Phase
23
W, VS(W)
Output for W Phase & Bias Voltage Ground for High-Side MOSFET Driving
(1) COM
(2) V
B(U)
(3) V
CC(U)
(4) IN
(UH)
(5) IN
(UL)
(6) N.C
(7) V
B(V)
(8) V
CC(V)
(9) IN
(VH)
(10) IN
(VL)
(11) VTS
(12) V
B(W)
(13) V
CC(W)
(14) IN
(WH)
(15) IN
(WL)
(16)
(17) P
(18) U, V
S(U)
(19) N
U
(20) N
V
(21) V, V
S(V)
(22) N
W
(23) W, V
S(W)
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
VTS
COM
VCC
LIN
HIN
VB
HO
VS
LO
N.C


유사한 부품 번호 - FSB50325A_14

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FSB50325AS ONSEMI-FSB50325AS Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
logo
Fairchild Semiconductor
FSB50325AT FAIRCHILD-FSB50325AT Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
logo
ON Semiconductor
FSB50325AT ONSEMI-FSB50325AT Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results

유사한 설명 - FSB50325A_14

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSB50825A FAIRCHILD-FSB50825A Datasheet
459Kb / 10P
   Motion SPMR 5 Series
FSB50760SFS FAIRCHILD-FSB50760SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SF FAIRCHILD-FSB50660SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SFS FAIRCHILD-FSB50660SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com