전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2422TE 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM2422TE
상세설명  Monolithic Triple Channel 30 MHz CRT DTV Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2422TE 데이터시트(HTML) 5 Page - Texas Instruments

  LM2422TE Datasheet HTML 1Page - Texas Instruments LM2422TE Datasheet HTML 2Page - Texas Instruments LM2422TE Datasheet HTML 3Page - Texas Instruments LM2422TE Datasheet HTML 4Page - Texas Instruments LM2422TE Datasheet HTML 5Page - Texas Instruments LM2422TE Datasheet HTML 6Page - Texas Instruments LM2422TE Datasheet HTML 7Page - Texas Instruments LM2422TE Datasheet HTML 8Page - Texas Instruments LM2422TE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
OBSOLETE
LM2422TE
www.ti.com
SNOSAL1D – JANUARY 2005 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
(VCC = +220VDC, VBB = +12VDC, CL = 10 pF, VOUT = 110VPP (80V – 190V), TC = 60°C, Test Circuit—Figure 3 unless otherwise
specified)
Power Dissipation vs Frequency
Safe Operating Area
Figure 10.
Figure 11.
LM2422 Cathode Response
Figure 12.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2422TE


유사한 부품 번호 - LM2422TE

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results

유사한 설명 - LM2422TE

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2426TE NSC-LM2426TE Datasheet
808Kb / 12P
   Monolithic Triple Channel 30 MHz DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
logo
Texas Instruments
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2451 TI1-LM2451 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com