전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2422TE 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM2422TE
상세설명  Monolithic Triple Channel 30 MHz CRT DTV Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2422TE 데이터시트(HTML) 1 Page - Texas Instruments

  LM2422TE Datasheet HTML 1Page - Texas Instruments LM2422TE Datasheet HTML 2Page - Texas Instruments LM2422TE Datasheet HTML 3Page - Texas Instruments LM2422TE Datasheet HTML 4Page - Texas Instruments LM2422TE Datasheet HTML 5Page - Texas Instruments LM2422TE Datasheet HTML 6Page - Texas Instruments LM2422TE Datasheet HTML 7Page - Texas Instruments LM2422TE Datasheet HTML 8Page - Texas Instruments LM2422TE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
11
10
9
8
7
6
5
4
3
2
1
VBB
V1OUT
IK
V2OUT
GND
V3OUT
V3IN
NC
V2IN
VCC
V1IN
OBSOLETE
LM2422TE
www.ti.com
SNOSAL1D – JANUARY 2005 – REVISED APRIL 2013
LM2422TE 220V Monolithic Triple Channel 30 MHz CRT DTV Driver
Check for Samples: LM2422TE
1
FEATURES
DESCRIPTION
The LM2422 is a triple channel high voltage CRT
2
30 MHz Bandwidth
driver circuit designed for use in DTV applications.
Current Output for IK Feedback Systems
The IC contains three high input impedance, wide
Greater than 130VP-P Output Swing Capability
band
amplifiers
which
directly
drive
the
RGB
cathodes of a CRT. Each channel has its gain
0V to 5V input voltage range
internally set to
−52 and can drive CRT capacitive
Stable with 0 pF–20 pF Capacitive Loads and
loads as well as resistive loads present in other
Inductive Peaking Networks
applications, limited only by the package's power
Convenient TO-220 Staggered Thin Lead
dissipation.
Package Style
The IC is packaged in an industry standard 11-lead
TO-220 molded plastic power package designed
APPLICATIONS
specifically
to
meet
high
voltage
spacing
requirements. See THERMAL CONSIDERATIONS
DC Coupled HDTV Applications Using the
section.
1080i Format as well as Other DTV and
Standard TV Formats.
Connection Diagram
Schematic Diagram
Figure 1. Top View
See Package Number TO-220
Figure 2. Simplified Schematic Diagram
(One Channel)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM2422TE

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results

유사한 설명 - LM2422TE

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2426TE NSC-LM2426TE Datasheet
808Kb / 12P
   Monolithic Triple Channel 30 MHz DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
logo
Texas Instruments
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2451 TI1-LM2451 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com