전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2436 데이터시트(PDF) 8 Page - Texas Instruments

부품명 LM2436
상세설명  Monolithic Triple 7.5 ns CRT Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2436 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM2436 Datasheet HTML 4Page - Texas Instruments LM2436 Datasheet HTML 5Page - Texas Instruments LM2436 Datasheet HTML 6Page - Texas Instruments LM2436 Datasheet HTML 7Page - Texas Instruments LM2436 Datasheet HTML 8Page - Texas Instruments LM2436 Datasheet HTML 9Page - Texas Instruments LM2436 Datasheet HTML 10Page - Texas Instruments LM2436 Datasheet HTML 11Page - Texas Instruments LM2436 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
OBSOLETE
LM2436
SNOSA13B – JUNE 2002 – REVISED APRIL 2013
www.ti.com
The LM2436 case temperature must be maintained below 100°C. If the maximum expected ambient temperature
inside the monitor is 70°C and the power dissipation is 4.2W (from Figure 6, 50 MHz max video frequency) then
a maximum heat sink thermal resistance can be calculated:
(1)
This example assumes a capacitive load of 8 pF and no resistive load.
Typical Application
A typical application of the LM2436 is shown in Figure 11. Used in conjunction with an LM1279, a complete video
channel from monitor input to CRT cathode can be achieved. Performance is ideal for 1024 x 768 resolution
displays with pixel clock frequencies up to 100 MHz. Figure 11 is the schematic for the TI demonstration board
that can be used to evaluate the LM1279/2436 combination in a monitor, and Figure 10 shows the response at
the red cathode for this application. The input video rise time is 3.2ns, and the peaking component values are
those recommended in Figure 11. Table 1 shows the typical cathode response of all three channels.
Figure 10. Red Cathode Response
Table 1. LM2436 Cathode Response
tr/OS
tf/OS
Red
7.7 ns / 7%
7.7 ns / 5%
Green
7.7 ns / 6%
7.5 ns / 6%
Blue
7.4 ns / 7%
7.3 ns / 7%
PC Board Layout Considerations
For optimum performance, an adequate ground plane, isolation between channels, good supply bypassing and
minimizing unwanted feedback are necessary. Also, the length of the signal traces from the preamplifier to the
LM2436 and from the LM2436 to the CRT cathode should be as short as possible. The following references are
recommended:
Ott, Henry W., “Noise Reduction Techniques in Electronic Systems”, John Wiley & Sons, New York, 1976.
“Video Amplifier Design for Computer Monitors”, Texas Instruments Application Note 1013.
Pease, Robert A., “Troubleshooting Analog Circuits”, Butterworth-Heinemann, 1991.
Because of its high small signal bandwidth, the part may oscillate in a monitor if feedback occurs around the
video channel through the chassis wiring. To prevent this, leads to the video amplifier input circuit should be
shielded, and input circuit wiring should be spaced as far as possible from output circuit wiring.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2436


유사한 부품 번호 - LM2436

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2436 NSC-LM2436 Datasheet
558Kb / 13P
   Monolithic Triple 7.5 ns CRT Driver
LM2436TA NSC-LM2436TA Datasheet
558Kb / 13P
   Monolithic Triple 7.5 ns CRT Driver
More results

유사한 설명 - LM2436

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2445 NSC-LM2445 Datasheet
758Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
LM2407 NSC-LM2407 Datasheet
361Kb / 9P
   Monolithic Triple 7.5 nS CRT Driver
LM2437 NSC-LM2437 Datasheet
529Kb / 10P
   Monolithic Triple 7.5 ns CRT Driver
LM2467 NSC-LM2467 Datasheet
449Kb / 12P
   Monolithic Triple 7.5 ns CRT Driver
logo
Texas Instruments
LM2466 TI1-LM2466 Datasheet
1Mb / 14P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2436 NSC-LM2436 Datasheet
558Kb / 13P
   Monolithic Triple 7.5 ns CRT Driver
LM2466 NSC-LM2466 Datasheet
757Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
logo
Texas Instruments
LM2407 TI1-LM2407 Datasheet
1Mb / 13P
[Old version datasheet]   Monolithic Triple 7.5 nS CRT Driver
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com