전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4990 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 TLE4990
상세설명  Programmable Linear Output Hall Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 데이터시트(HTML) 5 Page - Infineon Technologies AG

  TLE4990 Datasheet HTML 1Page - Infineon Technologies AG TLE4990 Datasheet HTML 2Page - Infineon Technologies AG TLE4990 Datasheet HTML 3Page - Infineon Technologies AG TLE4990 Datasheet HTML 4Page - Infineon Technologies AG TLE4990 Datasheet HTML 5Page - Infineon Technologies AG TLE4990 Datasheet HTML 6Page - Infineon Technologies AG TLE4990 Datasheet HTML 7Page - Infineon Technologies AG TLE4990 Datasheet HTML 8Page - Infineon Technologies AG TLE4990 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Functional Description
Data Sheet
5
V 2.0, 2004-05
2
Functional Description
Pin Configuration
Figure 1 shows the location of the hall element in the chip.
Figure 1
Pin Configuration and Hall Cell Location
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1
TST
Test pin, must be grounded
2
OUT
Output voltage / programming interface
3
GND
Ground
4
VDD
Supply voltage / programming interface
TLE4990_PINOUT
Hall Probe
2.69
TST OUT GND V
DD
0.3
±0.08 mm
Center of sensitive
area
±0.15 mm
1.53
Branded Side


유사한 부품 번호 - TLE4990

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4990 INFINEON-TLE4990 Datasheet
1Mb / 24P
   Programmable Linear Output Hall Sensor
V 2.4, November 2005
TLE4990-E6782 INFINEON-TLE4990-E6782 Datasheet
1Mb / 24P
   Programmable Linear Output Hall Sensor
V 2.4, November 2005
TLE4990 INFINEON-TLE4990_05 Datasheet
1Mb / 24P
   Programmable Linear Output Hall Sensor
V 2.4, November 2005
More results

유사한 설명 - TLE4990

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4990 INFINEON-TLE4990_05 Datasheet
1Mb / 24P
   Programmable Linear Output Hall Sensor
V 2.4, November 2005
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
   Programmable Linear Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com