전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

70-W212NMA400NB02-M209P62 데이터시트(PDF) 3 Page - Vincotech

부품명 70-W212NMA400NB02-M209P62
상세설명  High power screw interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VINCOTECH [Vincotech]
홈페이지  http://www.vincotech.com
Logo VINCOTECH - Vincotech

70-W212NMA400NB02-M209P62 데이터시트(HTML) 3 Page - Vincotech

  70-W212NMA400NB02-M209P62 Datasheet HTML 1Page - Vincotech 70-W212NMA400NB02-M209P62 Datasheet HTML 2Page - Vincotech 70-W212NMA400NB02-M209P62 Datasheet HTML 3Page - Vincotech 70-W212NMA400NB02-M209P62 Datasheet HTML 4Page - Vincotech 70-W212NMA400NB02-M209P62 Datasheet HTML 5Page - Vincotech 70-W212NMA400NB02-M209P62 Datasheet HTML 6Page - Vincotech 70-W212NMA400NB02-M209P62 Datasheet HTML 7Page - Vincotech 70-W212NMA400NB02-M209P62 Datasheet HTML 8Page - Vincotech 70-W212NMA400NB02-M209P62 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
70-W212NMA400NB02-M209P62
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
5,5
6
6,5
Tj=125°C
Tj=25°C
1
1,90
3
Tj=125°C
2,21
Tj=25°C
2
Tj=150°C
Tj=25°C
3000
Tj=125°C
Tj=25°C
120
Tj=125°C
121
Tj=25°C
22
Tj=125°C
23
Tj=25°C
160
Tj=125°C
193
Tj=25°C
45
Tj=125°C
69
Tj=25°C
2,96
Tj=125°C
5,40
Tj=25°C
12,25
Tj=125°C
17,66
Thermal resistance chip to heatsink per chip
RthJH
100um preapplied
PCM
0,11
Thermal resistance chip to case per chip
RthJC
100um grease
1W/mK
0,13
Tj=25°C
1,2
1,59
2,26
Tj=125°C
1,48
Tj=25°C
245
Tj=125°C
320
Tj=25°C
132
Tj=125°C
267
Tj=25°C
16
Tj=125°C
31
di(rec)max
Tj=25°C
8684
/dt
Tj=125°C
3334
Tj=25°C
4,06
Tj=125°C
7,81
Thermal resistance chip to heatsink per chip
RthJH
100um preapplied
PCM
0,31
Thermal resistance chip to case per chip
RthJC
100um grease
1W/mK
0,36
µC
mA
mWs
V
ns
nC
V
A/µs
ns
mWs
V
nA
K/W
pF
K/W
A
8000
680
±15
±15
tf
Cies
Eoff
Erec
Rgon=1
Qrr
tr
td(off)
Eon
QGate
Coss
20
Reverse recovered energy
Peak rate of fall of recovery current
Fall time
Gate-emitter leakage current
Integrated Gate resistor
Output capacitance
Collector-emitter saturation voltage
Reverse recovered charge
Peak reverse recovery current
Turn-off delay time
0
none
40000
932
Value
Conditions
Characteristic Values
IGES
VCE(sat)
ICES
Input capacitance
Collector-emitter cut-off current incl. FWD
Rise time
Turn-on energy loss per pulse
half bridge IGBT (T1, T4)
Gate emitter threshold voltage
Turn-on delay time
Turn-off energy loss per pulse
Crss
VF
IRRM
trr
neutral point FWD (D2, D3)
Reverse transfer capacitance
FWD forward voltage
Gate charge
0
15
Rgon=1
td(on)
VCE=VGE
Rgint
VGE(th)
Reverse recovery time
Rgoff=1
f=1MHz
0
±15
350
400
1200
600
25
350
400
300
Tj=25°C
Tj=25°C
400
400
0,04
copyright
by Vincotech
3
Revision: 1.2


유사한 부품 번호 - 70-W212NMA400NB02-M209P62

제조업체부품명데이터시트상세설명
logo
Vincotech
70-W212NMA400SC-M209P VINCOTECH-70-W212NMA400SC-M209P Datasheet
3Mb / 28P
   Mixed voltage NPC
70-W212NMA400SC03-M209P03 VINCOTECH-70-W212NMA400SC03-M209P03 Datasheet
3Mb / 29P
   Integrated DC-snubber capacitors
More results

유사한 설명 - 70-W212NMA400NB02-M209P62

제조업체부품명데이터시트상세설명
logo
Vincotech
70-W212NMC600SH01-M700P VINCOTECH-70-W212NMC600SH01-M700P Datasheet
3Mb / 31P
   High power screw interface
logo
Vishay Siliconix
102PHR-ST VISHAY-102PHR-ST_08 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
logo
Cynergy3 Co
SM20 CYNERGY3-SM20 Datasheet
981Kb / 2P
   Level controller or high power interface module
logo
American Accurate Compo...
RST15-A2X-R10-R10JZB AAC-RST15-A2X-R10-R10JZB Datasheet
155Kb / 3P
   HIGH POWER RESISTOR - Non Inductive Chassis Mount, Screw Terminal
logo
Vishay Siliconix
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com